PART |
Description |
Maker |
0405SC-1000M MICROSEMIPOWERPRODUCTSGROUP-0405SC-10 |
SiC UHF: 400-450MHz, Class AB, Common Gate-Pulsed; P(out) (W): 1000; P(in) (W): 180; Gain (dB): 8; Vcc (V): 125; Pulse Width (µsec): 300; Duty Cycle (%): 10; Case Style: 55KT FET-1 UHF BAND, Si, N-CHANNEL, RF POWER, JFET 1000Watts, 125 Volts, Class AB 406 to 450 MHz Silicon Carbide SIT
|
Microsemi, Corp. Microsemi Corporation
|
KBS-10-225 |
225 MHz - 400 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.7 dB INSERTION LOSS-MAX
|
SYNERGY MICROWAVE CORP
|
UMIL70 |
70 WATTS - 28 WOLTS 225-400 MHz
|
Acrian GHZTECH[GHz Technology]
|
UTV120 |
UHF TV 470-860 MHz, Class A, Common Emitter; fO (MHz): 860; P(out) (W): 12; Gain (dB): 8.9; Vcc (V): 26.5; ICQ (A): 1.7; IMD Type (dB): -52; Case Style: 55JT-2 2 CHANNEL, UHF BAND, Si, NPN, RF POWER TRANSISTOR
|
Microsemi, Corp.
|
AN26018A |
LNA IC for UHF Band (400 MHz to 800 MHz) Applications
|
Panasonic Semiconductor
|
EKIN2-220D |
215-225 MHz,I/Q demodulator E-Series I/Q Demodulator 215 - 225 MHz E系列的I / Q解调15 - 225兆赫
|
MA-Com http:// MACOM[Tyco Electronics] Cypress Semiconductor, Corp.
|
2N4440 SD1060 RF41 |
RF & MICROWAVE TRANSISTORS WIDEBAND VHF-UHF CLASS C Si, RF SMALL SIGNAL TRANSISTOR, TO-60 RF & MICROWAVE TRANSISTORS WIDEBAND VHF-UHF CLASS C From old datasheet system
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
500L-058X181-502 500T-058X071-501 500T-058X071-502 |
5000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 500:5 A, 2 % ACCURACY CLASS, CURRENT TRANSFORMER 4000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 400:5 A, 3 % ACCURACY CLASS, CURRENT TRANSFORMER 750:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 2500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1200:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER
|
GE Industrial Systems
|
440LD68-R |
AC Line Rated Ceramic Disc Capacitors Class X1, 400 VAC/Class Y1, 500 VAC
|
Vishay Siliconix
|
1014-6A |
1000-1400 MHz, 28V, Class C, Common Base; fO (MHz): 1400; P(out) (W): 6; P(in) (W): 1.2; Gain (dB): 7; Vcc (V): 28; Cob (pF): 3.5; Case Style: 55LV-1 L BAND, Si, NPN, RF POWER TRANSISTOR 6 Watts - 28 Volts, Class C Microwave 1000 - 1400 MHz
|
Microsemi, Corp. Microsemi Corporation
|
|