PART |
Description |
Maker |
LTC2435CGN LTC2435IGN LTC2435-1CGN LTC2435-1IGN LT |
20-Bit No Latency Delta Sigma ADCs with Differential Input and Differential Reference 20-Bit No Latency ADCs with Differential Input and Differential Reference
|
LINER[Linear Technology]
|
PI6C4853111FAE |
2.5V/3.3V 500MHz Low Skew 1-to-10 Differential to LVPECL Fanout Buffer with 2 to 1 Differential Clock Input Mux
|
Pericom Semiconductor Corp.
|
LTC2435-1IGN LTC2435-1CGN LTC2435-1CGNPBF LTC2435C |
20-Bit No Latency ADCs with Differential Input and Differential Reference 20-Bit No Latency Delta Sigma ADCs with Differential Input and Differential Reference; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C 1-CH 20-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO16 20-Bit No Latency ADCs with Differential Input and Differential Reference 1-CH 20-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO16
|
Linear Technology Corporation Linear Technology, Corp. http://
|
MC10H109FNR2 MC10H131 MC100EP140 MC100E155FN MC100 |
Dual 4-5-Input OR/NOR Gate Dual Type D Master-Slave Flip-Flop 3.3V ECL Phase-Frequency Detector 5V ECL 6-Bit 2:1 Mux Latch 5V ECL Differential Data and Clock D Flip-Flop 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V ECL 1:15 Differential ÷1/÷2 Clock Driver ECL/TTL Clock Driver 3.3V / 5V 2-Input Differential AND/NAND 5V ECL 2:1 Multiplexer 3.3V / 5V ECL JK Flip Flop 3.3V ECL 1:4 ÷ 1/÷ 2 Clock Fanout Buffer 3.3V / 5V Hex Differential Line Receiver / Driver 3.3V 10-bit LVTTL/LVCMOS to LVPECL Translator Dual 2-Bit Adder/Subtractor
|
ON Semiconductor
|
EVAL-CONTROLBRD2 EVAL-AD7450CB AD7450ARM AD7450BR |
Differential Input, 1MSPS, 12-Bit ADC in SO-8 and S0-8 Differential Input, 1MSPS, 12-Bit ADC in レSO-8 and S0-8 Differential Input/ 1MSPS/ 12-Bit ADC in SO-8 and S0-8 Differential Input, 1MSPS, 12-Bit ADC in μSO-8 and S0-8
|
Analog Devices, Inc.
|
LTC2321-12 |
Dual, 12-Bit Sign, 2Msps Differential Input ADC with Wide Input Common Mode Range
|
Linear Technology
|
LTC2323-12-15 |
Dual, 12-Bit Sign, 5Msps Differential Input ADC with Wide Input Common Mode Range
|
Linear Technology
|
LTC6652 |
18-Bit, 1Msps 8-Channel Differential ±10.24V Input SoftSpan ADC with Wide Input Common Mode Range
|
Linear Technology
|
LTC2335HLX-18PBF |
18-Bit, 1Msps 8-Channel Differential ±10.24V Input SoftSpan ADC with Wide Input Common Mode Range
|
Linear Technology
|
LTC2348ILX-16PBF |
Octal, 16-Bit, 200ksps Differential ±10.24V Input SoftSpan ADC with Wide Input Common Mode Range
|
Linear Technology
|
CN-0171 |
Low Noise, Low Distortion Single-Ended Input Drive Circuit for Differential Input IF Sampling ADCs
|
Analog Devices
|