PART |
Description |
Maker |
SXQ50-48S05 SXQ50-48S3V3 SXQ50 SXQ50-48S1V8 SXQ50- |
36-50W High Efficiency DC/DC Converters
|
ARTESYN[Artesyn Technologies]
|
1N2819C 1N2833D 1N2833C 1N2821A 1N2815D 1N2816 1N2 |
Diode Zener Single 22V 5% 50W 3-Pin(2 Tab) TO-3 Diode Zener Single 62V 5% 50W 3-Pin(2 Tab) TO-3 Diode Zener Single 25V 10% 50W 3-Pin(2 Tab) TO-3 Diode Zener Single 17V 5% 50W 3-Pin(2 Tab) TO-3 Diode Zener Single 18V 20% 50W 3-Pin(2 Tab) TO-3 Diode Zener Single 24V 20% 50W 3-Pin(2 Tab) TO-3 Diode Zener Single 75V 10% 50W 3-Pin(2 Tab) TO-3 Diode Zener Single 68V 20% 50W 3-Pin(2 Tab) TO-3 Diode Zener Single 17V 10% 50W 3-Pin(2 Tab) TO-3
|
New Jersey Semiconductor
|
ZXRD1050PQ16 ZXM64NO3X ZXRD1033PQ16 ZXRD1033NQ16 Z |
HIGH EFFICIENCY SIMPLESYNC?PWM DC-DC CONTROLLERS 5 V, High efficiency simplesync PWM DC-DC controller 3.3 V, High efficiency simplesync PWM DC-DC controller PTSE 30C 29#20 1#16 PIN RECP MC680X0 FPU COPROCESSOR Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3121; No. of Contacts:11; Connector Shell Size:18; Connecting Termination:Crimp; Circular Shell Style:Cable Receptacle RoHS Compliant: No HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS Adj, High efficiency simplesync PWM DC-DC controller
|
Diodes Incorporated ZETEX PLC Zetex Semiconductors
|
STK405-090 STK405-120 STK405-010 STK405-030 STK405 |
2ch AF Power Amplifier (Split Power Supply) 50W 50W min, THD =10%
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
MKWI50-48S24 MKWI50-24S033 MKWI50-24S05 MKWI50-24S |
DC/DC CONVERTER 50W Highest Power Density Smallest encapsulated 50W Converter
|
Minmax Technology Co., Ltd.
|
MAX1649 MAX1649C_D MAX1649CPA MAX1649CSA MAX1649EP |
5V/3.3V or Adjustable, High-Efficiency,Low-Dropout, Step-Down DC-DC Controllers(5V或可降压型,输出电流2A,DC-DC变换MAX649的改进型) 5V/3.3V或可调、高效率、低压差、降压型DC-DC控制 Circular Connector; Body Material:Aluminum Alloy; Series:D38999; No. of Contacts:100; Connector Shell Size:23; Connecting Termination:Grounded; Gender:Male SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8 5V/3.3V or Adjustable / High-Efficiency / Low-Dropout / Step-Down DC-DC Controllers 5V/3.3V or Adjustable High-Efficiency Low-Dropout Step-Down DC-DC Controllers 5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
SF-SM50 |
Adapters, SMA-F to SMA-M 50W, DC to 18 GHz CABLE TERMINATED, FEMALE-MALE, RF STRAIGHT ADAPTER Adapters, SMA-F to SMA-M 50W, DC to 18 GHz Adapters / SMA-F to SMA-M 50W / DC to 18 GHz
|
MINI[Mini-Circuits]
|
LZY-1 |
High Power Amplifier 50Ω 50W 20 to 512 MHz
|
Mini-Circuits
|
BAC50C-806-01 BAC50C-806-02 BAC50C |
50W 806nm High Power Laser Diode Bar on Microchannel Cooler
|
Bookham, Inc.
|
STK417-100 STK417-090 |
(STK417-000 Series) 2-Channel High Effiency AF Power Amplifier 50W x 2 - 100W X 2
|
Sanyo Semicon Device
|