PART |
Description |
Maker |
SN54LS344 SN54S310 SN54S341 SN54S344 SN54LS340 SN5 |
8-BIT BUFFERS WITH SCHMITT TRIGGER INPUTS
|
ETC[ETC] List of Unclassifed Manufacturers
|
DM8097 DM80L98 DM8095 DM8096 DM8098 DM80L95 DM80L9 |
TRI-STATE Hex Buffers
|
http:// ETC[ETC] List of Unclassifed Manufacturers
|
AT28C040 AT28C040-20 AT28C040-20BC AT28C040-20BI A |
Octal Buffers/Drivers With 3-State Outputs 20-SSOP -40 to 85 512K X 8 EEPROM 5V, 200 ns, CDIP32 Octal Buffers/Drivers With 3-State Outputs 20-SO -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-TVSOP -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-SOIC -40 to 85 Low-Power, Dual Supply, Level Translating CompactFlash Interface With 16-Bit Data, 11-Bit Address 114-BGA MICROSTAR -40 to 85 4-Megabit 512K x 8 Paged E2PROM
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
MM74HC125M MM74HC125MTC MM74HC125N MM74HC125SJ MM7 |
MM74HC125, MM74HC126 3-STATE Quad Buffers 3-STATE Quad Buffers; Package: TSSOP; No of Pins: 14; Container: Tape & Reel HC/UH SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO14
|
Fairchild Semiconductor, Corp.
|
IDT54FCT827CE IDT74FCT827A IDT54FCT827BL IDT74FCT8 |
SWITCH ROTARY SPDT SIDE 6' 高性能CMOS缓冲 HIGH-PERFORMANCE CMOS BUFFERS 高性能CMOS缓冲 HIGH-PERFORMANCE CMOS BUFFERS FCT SERIES, 10-BIT DRIVER, TRUE OUTPUT, CQCC28
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
HD74LVC16244A HD74LVC16244A16 |
16-bit Buffers/Line Drivers with 3-state non-inverted outputs 16-bit Buffers / Line Drivers with 3-state Outputs
|
HITACHI[Hitachi Semiconductor]
|
IDT74LVCH16260A |
3.3V CMOS 12-BIT TRI-PORT BUS EXCHANGER
|
IDT
|
ST72521R7 ST72F521R7 ST72521AR7 |
Octal Buffers/Line Drivers With 3-State Outputs 24-SOIC -40 to 85 8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
|
意法半导 ST Microelectronics
|
IDT74FCT16260CT IDT74FCT16260ET IDT74FCT16260AT |
FAST CMOS 12-BIT TRI-PORT BUS EXCHANGER
|
IDT
|