PART |
Description |
Maker |
DBTC-6-4-75 DBTC-75OHMSSERIES DBTC-10-4-75 DBTC-13 |
Circular Connector; Body Material:Aluminum; Series:PT01; No. of Contacts:15; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Circular Contact Gender:Pin; Insert Arrangement:14-15 Surface Mount Directional Couplers 表面贴装定向耦合 Surface Mount Directional Couplers 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1250 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 3.1 dB INSERTION LOSS-MAX
|
http:// MINI[Mini-Circuits]
|
15SMC68CA 1.5SMC100CA 1.5SMC10CA 1.5SMC8.2CA 1.5SM |
BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS/ 6.8 THRU 200 VOLTS Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(击穿电压8.2V,双向玻璃钝化节点瞬变电压抑制 Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(击穿电压7.5V,双向玻璃钝化节点瞬变电压抑制 Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(击穿电压9.1V,双向玻璃钝化节点瞬变电压抑制 Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(击穿电压13V,双向玻璃钝化节点瞬变电压抑制 Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(击穿电压12V,双向玻璃钝化节点瞬变电压抑制 BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(?荤┛?靛?13V,????荤???????????靛??????
|
Central Semiconductor Corp. Central Semiconductor, Corp. Electronics Industry Public Company Limited http:// Central Semiconductor C...
|
GOB94027 GOB95027 GOB96027 |
400 V Bi-directional 3-phse AC-DC bridge 500 V Bi-directional 3-phse AC-DC bridge 690 V Bi-directional 3-phse AC-DC bridge
|
Green Power
|
DC15-73LF |
Directional Coupler 1.42-1.66 GHz 1420 MHz - 1660 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.3 dB INSERTION LOSS-MAX
|
Skyworks Solutions, Inc.
|
CH-130-4 CD-130-4BNC CD-130-4N CD-130-4SMA CD-130- |
2 MHz - 32 MHz RF/MICROWAVE BI-DIRECTIONAL COUPLER, 0.1 dB INSERTION LOSS-MAX 30 dB Bi-directional Coupler, 500 Watt 2 - 32 MHz 30 dB Bi-directional Coupler/ 500 Watt 2 - 32 MHz 2-32 MHz, 500 Watt, 30 dB Bi-directional coupler
|
MACOM[Tyco Electronics] MA-Com
|
CBN-30M-1.5G CBN-30M-3G CBN-30M-4G CBN-30M-6G CBN- |
5000 MHz - 11000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.2 dB INSERTION LOSS-MAX 1000 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.2 dB INSERTION LOSS-MAX DIRECTIONAL COUPLERS
|
MERRIMAC INDUSTRIES INC http:// Merrimac Industries, Inc.
|
ZFDC-10-5 |
Directional Coupler 1 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.5 dB INSERTION LOSS-MAX
|
Mini-Circuits
|
LRDC-10-1-75 |
Directional Coupler 75Ω 5 to 600 MHz Directional Coupler 75惟 5 to 600 MHz Directional Coupler 75ヘ 5 to 600 MHz
|
http:// Mini-Circuits
|
ADC-26-52 |
Directional Coupler 50楼? 10 to 500 MHz Directional Coupler 50惟 10 to 500 MHz Directional Coupler 50Ω 10 to 500 MHz
|
Mini-Circuits
|
ADC-16-4-75 |
Directional Coupler 75楼? 5 to 1000 MHz Directional Coupler 75惟 5 to 1000 MHz Directional Coupler 75Ω 5 to 1000 MHz
|
Mini-Circuits http://
|