PART |
Description |
Maker |
CD4049UBC CD4050B CD4050BC CD4049UBC02 CD4050BCN C |
LOGIC GATE|HEX INVERTER|CMOS|SOP|16PIN|PLASTIC HEX INVERTING BUFFER HEX NON-INVERTING BUFFER Hex Inverting Buffer • Hex Inverting Buffer ?Hex Non-Inverting Buffer
|
FAIRCHILD[Fairchild Semiconductor]
|
MC74VHC1GT04 |
Inverting Buffer / CMOS Logic Level Shifter
|
ETL
|
UPSD3200 UPSD3253A-24T6 UPSD3253A-24T6T UPSD3234A- |
High Speed CMOS Logic 8-Input Multiplexer, 3-State 16-SOIC -55 to 125 闪存可编程系统器件与8032微控制器内核 Two and Three Channel Codewheels 闪存可编程系统器件与8032微控制器内核 8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash 8位微控制器与2/4/8K字节在系统可编程闪存 High Speed CMOS Logic Non-Inverting Octal-Bus Transceiver with 3-State Outpus 20-PDIP -55 to 125 High Speed CMOS Logic Non-Inverting Octal Buffer/Line Drivers with 3-State Outputs 20-SOIC -55 to 125 Panel Mount Optical Encoders Locking Connector Housing Flash Programmable System Device with 8032 Microcontroller Core
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics http://
|
CD4049UBC CD4049UBCM CD4049UBCN CD4050 CD4050BCM C |
Hex Inverting Buffer . Hex Non-Inverting Buffer 六角反相缓冲。六角非反相缓冲 Hex Inverting Buffer . Hex Non-Inverting Buffer 4000/14000/40000 SERIES, HEX 1-INPUT NON-INVERT GATE, PDSO16
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
AM29F002T-90JCB AM29F002T-55EI AM29F002T-55JC AM29 |
FLASH 5V PROM, PDSO32 FLASH 5V PROM, PDIP32 High Speed CMOS Logic Inverting Octal Buffer/Line Drivers with 3-State Outputs 20-CDIP -55 to 125 2兆位56亩8位)的CMOS 5.0伏,只引导扇区闪 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 120 ns, PQCC32 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 2兆位256亩8位)的CMOS 5.0伏,只引导扇区闪 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 55 ns, PDIP32 High Speed CMOS Logic Octal D-Type Flip-Flops with Reset 20-CDIP -55 to 125 256K X 8 FLASH 5V PROM, 55 ns, PQCC32 High Speed CMOS Logic Triple 3-Input NOR Gates 14-CDIP -55 to 125 256K X 8 FLASH 5V PROM, 55 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 2兆位56亩8位)的CMOS 5.0伏,只引导扇区闪 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 55 ns, PDSO32 CAP, 180UF, 2V, 20%, 7343-28 High Speed CMOS Logic Non-Inverting Quad 2-Input Multiplexer with 3-State Outputs 16-CDIP -55 to 125 High Speed CMOS Logic Non-Inverting Octal Buffer/Line Drivers with 3-State Outputs 20-CDIP -55 to 125 MB 12C 8#20 4#16 PIN RECP High Speed CMOS Logic Non-Inverting Octal-Bus Transceiver with 3-State Outputs 20-CDIP -55 to 125 CAP,22uF,12.5VDC,20-% Tol,20 % Tol RoHS Compliant: Yes High Speed CMOS Logic 8-Bit Addressable Latch 16-CDIP -55 to 125 Am29F002/F002N - 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory LM3075 High Efficiency, Synchronous Current Mode Buck Controller; Package: TSSOP; No of Pins: 20; Qty per Container: 73; Container: Rail 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
|
ADVANCED MICRO DEVICES INC SPANSION LLC http:// Advanced Micro Devices, Inc. ATMEL Corporation
|
MM74C240 MM74C244 MM74C244WM MM74C240N MM74C240WM |
Inverting • Non-Inverting Octal Buffer and From old datasheet system Inverting . Non-Inverting Octal Buffer and Line Driver with 3-STATE Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
BL-B5134-1 BL-B1114 BL-B1132 BL-B1133N BL-B1134 BL |
RESISTOR, 100K, 1/2W, 1%, 2010 标准LED节能灯(圆形类型 High Speed CMOS Logic Octal Inverting Bus Transceiver with 3-State Outputs 20-SOIC -55 to 125 标准LED节能灯(圆形类型 High Speed CMOS Logic Octal Non-Inverting Buffers and Line Drivers with 3-State Outputs 20-SOIC -55 to 125 标准LED节能灯(圆形类型 High Speed CMOS Logic Octal Non-Inverting Buffers and Line Drivers with 3-State Outputs 20-PDIP -55 to 125 标准LED节能灯(圆形类型 STANDARD LED LAMPS(ROUND TYPES) 标准LED节能灯(圆形类型 High Speed CMOS Logic 8-Bit Shift Register with Input Storage 16-PDIP -55 to 125 High Speed CMOS Logic Octal Inverting Bus Transceiver with 3-State Outputs 20-PDIP -55 to 125 RES, 2010 PKG, SMT, 100 OHM, 1%, 1/2 W RES,CHIP,120,1/2W,5%,2010 High Speed CMOS Logic Octal Inverting Buffers and Line Drivers with 3-State Outputs 20-SOIC -55 to 125 RES, 20 OHM 5% 1/2W
|
Yellow Stone, Corp. 早安股份有限公司 YSTONE[Yellow Stone Corp]
|
M74HC367 M74HC367B1R M74HC367C1R M74HC367F1R M74HC |
HC367 NON INVERTING, HC368 INVERTING HEX BUS BUFFER (3-STATE) HEX BUS BUFFER (3-STATE) HC367 NON INVERTING, HC368 INVERTING HEX BUS BUFFER 3-STATE HC367 NON INVERTING / HC368 INVERTING 8-Bit, 10 us DAC, Serial Input, Quad DAC, Pgrmable 1x or 2x Output, Simultaneous Update 14-SOIC 0 to 70 HEX BUS BUFFER 3-STATE HC367 NON INVERTING, HC368 INVERTING 六角总线缓冲器的三态非反相HC367,HC368反相
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] ST Microelectronics 意法半导 STMicroelectronics N.V.
|
MC74HC125A HC125 MC74HC125AD MC74HC125ADT MC74HC12 |
Buffer, Non-Inverting 3-State Quad 3-State Non-Inverting Buffer Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS
|
ONSEMI[ON Semiconductor]
|
HOA696X HOA6963-N51 HOA697X HOA6960-N51 HOA6961-N5 |
3.18 mm SLOT WIDTH, 1 CHANNEL SLOTTED OPTICAL SWITCH LOGIC OUTPUT Buffer or inverting logic available Transmissive Optorschmit Sensor Transmissive Optoschmitt Sensor
|
Honeywell Accelerometer... Honeywell Accelerometers Honeywell Solid State Electronics Center
|
MC74VHCT50AM MC74VHCT50ADT MC74VHCT50AD MC74VHCT50 |
Noninverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs AHCT/VHCT SERIES, HEX 1-INPUT NON-INVERT GATE, PDSO14 Noninverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
|
ONSEMI[ON Semiconductor]
|