PART |
Description |
Maker |
LT1640AH LT4250H LT4250HCN8 LT4250HCS8 LT4250HIN8 |
NEGATIVE 48V HOT SWAP CONTROLLER
|
Linear Technology Corporation LINER[Linear Technology]
|
MAX5920 MAX5920AES MAX5920BES MAX5920AESA MAX5920B |
-48V Hot-Swap Controller with External RSENSE
|
MAXIM[Maxim Integrated Products]
|
MAX5938 |
-48V Hot-Swap Controller with VIN Step Immunity,No RSENSE, and Overvoltage Protection From old datasheet system
|
Maxim
|
MAX5911 MAX5911ESA MAX5912ESE MAX5912 |
-48V Simple Swapper Hot-Swap Switches -48V、Simple Swapper热插拔开 -48V.Simple Swapper Hot-Swap Switches -48V, Simple Swapper Hot-Swap Switches
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LTC4252-2 LTC4252-1 425212F LTC4252-1IMS8 LTC4252- |
TRANS ARRAY PNP/PNP SS MINI-6P Negative Voltage Hot Swap Controllers TRANS ARRAY NPN/NPN SSMINI-6 From old datasheet system Negative Voltage Hot Swap Controller w/ Latch Off Negative Voltage Hot Swap Controller w/ Auto Retry
|
Linear Technology Corporation
|
MAX5913 MAX5913EMH MAX5914EMH MAX5914 |
48V Quad Hot-Swap Controllers For Power-Over-LAN
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX5936 MAX5936AA MAX5936AB MAX5936AC MAX5936ESA M |
-48V Hot-Swap Controllers with VIN Step Immunity and No RSENSE
|
MAXIM[Maxim Integrated Products]
|
X24165 X24165P X24165P-2.7 X24165PI X24165PI-2.7 X |
Hot Swap Controller IC; Hot Swap Controller Type:Negative Voltage; Controlled Voltage Min:-10V; Controlled Voltage Max:-80V; Number of Controlled Voltages:1; Package/Case:8-SOIC; Power Good Output:Active Low Hot Swap Controller IC; Hot Swap Controller Type:Negative Voltage; Controlled Voltage Min:-10V; Controlled Voltage Max:-80V; Number of Controlled Voltages:1; Package/Case:8-SOIC; Power Good Output:Active High IC LDO REG 3A 5.5V W/ENBL 8-SOIC Advanced 2-Wire Serial E2PROM with Block Lock Protection
|
XICOR[Xicor Inc.]
|
MC145040DW1 MC145040DW2 MC145040FN1 MC145040FN2 MC |
Full Featured -48V Hot Swap Power Manager, Industrial Temp. 44-TSSOP -40 to 85 8-Bit A/D Converters With Serial Interface
|
Motorola, Inc.
|
LTC1642A LT4220 LTC422212 LTC4210 LTC4211 LTC1645 |
Dual Hot Swap Controller Dual Hot Swap Controller with I2C Compatible Monitoring
|
Linear Technology
|
ADM1173 |
2.7V to 16.5V Hot Swap Controller
|
Analog Devices
|
MAX5902 MAX5902-MAX5903 MAX5903 MAX5902LBEUT-T MAX |
72V SOT23 Simple Swapper Hot-Swap Controllers 72V、SOT23/TDFN封装、Simple Swapper热插拔控制器 72V SOT23/TDFN Simple Swapper Hot-Swap Controllers 72 V, SOT23 simple swapper hot-swap controller
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|