PART |
Description |
Maker |
BB2847 |
8 V Rechargeable Lithium-ion (Li-ion) battery
|
saftbatteries
|
TC3827 TC3827-4.2VUA TC3827-4.1VUA |
The TC3827 is a battery charger controller for a single cell Li-Ion battery. Using an external PMOS transistor, safe and fast charging of a single Li-Ion cell is accomplished. Features include over-current foldback, charge current monitor, Lithium-Ion Battery Charger
|
MICROCHIP[Microchip Technology]
|
MM1291AF MM1291HF MM1291HW |
Protection of lithium ion battery (one cell) Protection of Lithium Ion Batteries (one cell) From old datasheet system
|
MITSUMI [MITSUMI ELECTRIC] Mitsumi Electronics, Corp.
|
ISL9203CRZ-TR5220 ISL9203CRZR5220 ISL9203R5220 |
Li-ion/Li Polymer Battery Charger Li-ion/Li Polymer Battery Charger 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO10
|
Intersil Corporation Intersil, Corp.
|
LTC4052-4.2 LTC4052EMS8E-4.2 LTC4052EMS8E-4.2TR LT |
1A Lithium-Ion Battery Pulse Charger with Overcurrent Protection Lithium-Ion Battery Pulse Charger with Overcurrent Protection; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8
|
Linear Technology, Corp.
|
ADP3801 ADP3801AR ADP3802 ADP3802AR |
500 kHz, High Frequency Switch Mode Dual Li-Ion Battery Charger 200 kHz, High Frequency Switch Mode Dual Li-Ion Battery Charger High Frequency Switch Mode Dual Li-Ion Battery Chargers
|
AD[Analog Devices]
|
AM29LV033C-90 AM29LV033C-90EE AM29LV033C-90EI AM29 |
LM3622 Lithium-Ion Battery Charger Controller; Package: SOIC NARROW; No of Pins: 8 4M X 8 FLASH 3V PROM, 90 ns, PDSO40 LM3622 Lithium-Ion Battery Charger Controller; Package: SOIC NARROW; No of Pins: 8; Qty per Container: 2500; Container: Reel 4M X 8 FLASH 3V PROM, 90 ns, PDSO40 32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory 4M X 8 FLASH 3V PROM, 70 ns, PBGA63 LM3622 Lithium-Ion Battery Charger Controller; Package: SOIC NARROW; No of Pins: 8; Qty per Container: 95; Container: Rail 32兆位个M × 8位)的CMOS 3.0伏特,只有统一部门闪存
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
UB2421 UB2421G-AG6-R UB2421-15 |
ONE CELL LITHIUM-ION / POLYMER BATTERY PROTECTION IC ONE CELL LITHIUM-ION POLYMER BATTERY
|
Unisonic Technologies
|
LTC4080X LTC4080XEDD-PBF LTC4080XEDD-TRPBF LTC4080 |
500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck in 3mm × 3mm DFN 500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 0.8 A BATTERY CHARGE CONTROLLER, 2750 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
UF653039SU |
Lithium Ion
|
Panasonic Battery Group
|
UF564447F |
Lithium Ion
|
Panasonic Battery Group
|