PART |
Description |
Maker |
IS25C256 IS25C128 |
(IS25C128 / IS25C256) 128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
|
ISSI
|
FM25C041 FM25C041U FM25C041UE FM25C041UV FM25C041U |
SERIAL EEPROM|512X8|CMOS|SOP|8PIN|PLASTIC 512 X 8 SPI BUS SERIAL EEPROM, PDSO8 4K-Bit SPI⑩ Interface Serial CMOS EEPROM 4K-Bit SPI Interface Serial CMOS EEPROM From old datasheet system 4K-Bit SPI?/a> Interface Serial CMOS EEPROM
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|
MCM63P818 MCM63P736 MCM63P736TQ100 MCM63P736ZP133R |
Circular Connector; Body Material:Aluminum; Series:PT07; No. of Contacts:2; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Pin; Insert Arrangement:8-2 128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 256K X 18 CACHE SRAM, 5 ns, PQFP100 128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 128K X 36 CACHE SRAM, 4 ns, PBGA119 128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 128K X 36 CACHE SRAM, 5 ns, PQFP100 Replaced by PTH12000W :
|
MOTOROLA INC NEC, Corp. Motorola Mobility Holdings, Inc. Motorola, Inc.
|
HN58X25256FPIE HN58X25128FPIE HN58X25128I HN58X251 |
Serial Peripheral Interface 128k EEPROM (16-kword 】 8-bit) 256k EEPROM (32-kword 】 8-bit) Electrically Erasable and Programmable Read Only Memory
|
RENESAS[Renesas Electronics Corporation]
|
CAT25C08U-1.8 CAT25C08UI-1.8 CAT25C08UA-1.8 CAT25C |
SPI Bus Serial EEPROM (Motorola Compatible), 1K, 2-bit Block Protection, WPEN Bit SPI Bus Serial EEPROM (Motorola Compatible), 2K, 2-bit Block Protection, WPEN Bit 128 X 8 SPI BUS SERIAL EEPROM, PDSO14 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 TSSOP-8
|
Catalyst Semiconductor
|
HN58X24128I HN58X24128TIE HN58X24128FPIE HN58X2425 |
Two-wire serial interface 128k EEPROM (16-kword × 8-bit) 256k EEPROM (32-kword × 8-bit)
|
Renesas Electronics Corporation
|
IS24C02 IS24C08 IS24C04 IS24C01 24C16 IS24C16-3PI |
16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM From old datasheet system 301K 1% 100PPM TF 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 RES 2.7 OHM 5% 0.1 W METAL FILM SMT 0805 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 RESISTOR,309,CR0805 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2线串行EEPROM中的CMOS
|
Integrated Silicon Solu... Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution, Inc. Integrated Silicon Solution...
|
MCP320208 MCP3202-CI_MS MCP3202-BI_P MCP3202-BI_SN |
2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
|
Microchip Technology
|
W25X10BV W25X10BVSNIG W25X10BVZPIG W25X40BV W25X40 |
1M-BIT, 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
|
Winbond http://
|
W25X16VSSIG W25X32VSSIG W25X64VSSIG W25X16VSFI W25 |
16M-BIT, 32M-BIT, AND 64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
Winbond
|
CAT24WC129 CAT24WC129KA-1.8TE13 CAT24WC129KA-TE13 |
128K-Bit I2C Serial CMOS E2PROM 1.8V-6.0V 128K-bit IIC serial CMOS EEPROM 2.5V-6.0V 128K-bit IIC serial CMOS EEPROM 3.0V-5.5V 128K-bit IIC serial CMOS EEPROM
|
CATALYST[Catalyst Semiconductor]
|