PART |
Description |
Maker |
CY7C1231F-100AC CY7C1231F05 |
2-Mbit (128K x 18) Flow-through SRAM with NoBL Architecture 2-Mbit (128K x 18) Flow-through SRAM with NoBL⑩ Architecture
|
Cypress Semiconductor
|
AS5SS128K36DQ-12/XT AS5SS128K36DQ-12/IT AS5SS128K3 |
128K x 36 SSRAM SYNCHRONOUS ZBL SRAM FLOW-THRU OUTPUT 128K X 36 ZBT SRAM, 8.5 ns, PQFP100
|
Austin Semiconductor, Inc
|
CY7C1351G-133BGC CY7C1351G-133AXC CY7C1351G-133AXI |
4-Mbit (128K x 36) Flow-through SRAM with NoBLArchitecture 128K X 36 ZBT SRAM, 8 ns, PBGA119
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
IDT71V2577S75PF IDT71V2577S75PFI IDT71V2577YS75PF |
128K x 36,256K x 18 3.3V Synchronous SRAMs 2.5V I/O,Flow-Through Outputs Burst Counter,Single Cycle Deselect 3.3V 256K x 18 Synchronous Flow-Through SRAM w/2.5V I/O
|
IDT[Integrated Device Technology]
|
7C1351-66 7C1351-40 7C1351-50 CY7C1351-66AC |
128Kx36 Flow-Through SRAM with NoBL TM Architecture 128K × 36至流通过与总线延迟TM架构的SRAM 128Kx36 Flow-Through SRAM with NoBL TM Architecture 128K X 36 ZBT SRAM, 11 ns, PQFP100
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
IS61SF12832-10TQ IS61SF12832-10TQI IS61SF12832-8.5 |
x36 Fast Synchronous SRAM 128K X 36 CACHE SRAM, 8 ns, PBGA119 x36 Fast Synchronous SRAM 128K X 36 CACHE SRAM, 8.5 ns, PQFP100 Octal D-Type Transparent Latches With 3-State Outputs 20-SO -40 to 85 128K X 32 CACHE SRAM, 8 ns, PQFP100 x36 Fast Synchronous SRAM 128K X 36 CACHE SRAM, 10 ns, PBGA119 128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM 128K X 32 CACHE SRAM, 10 ns, PQFP100 x36 Fast Synchronous SRAM 128K X 36 CACHE SRAM, 12 ns, PQFP100 128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM 128K X 32 CACHE SRAM, 7.5 ns, PQFP100 Octal D-Type Transparent Latches With 3-State Outputs 20-PDIP -40 to 85
|
Integrated Silicon Solution, Inc. ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution Inc
|
IDT709099L9PFI IDT709099L IDT709099L12PF IDT709099 |
From old datasheet system HIGH-SPEED 128K x 8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM 128K x 8 Sync, Dual-Port RAM, PipleLined/FLow-Through
|
IDT[Integrated Device Technology]
|
CY7C1351G-100AXC |
4-Mbit (128K x 36) Flow-through SRAM with NoBL(TM) Architecture
|
Cypress
|
IDT71V509S66Y IDT71V509 IDT71V509S50Y |
128K x 8 3.3V SYNCHRONOUS SRAM WITH ZBTO AND FLOW-THROUGH OUTPUT
|
INTEGRATED DEVICE TECHNOLOGY INC IDT[Integrated Device Technology]
|
MCM63F737KZP8.5 MCM63F819KZP8.5 MCM63F737KZP8.5R M |
128K x 36 and 256K x 18 Bit Flow??hrough BurstRAM Synchronous Fast Static RAM 128K x 36 and 256K x 18 Bit Flow?Through BurstRAM Synchronous Fast Static RAM
|
Motorola, Inc
|
AS5SS128K36DQ-11/IT AS5SS128K36DQ-11/XT AS5SS128K3 |
128K x 36 SSRAM - synchronous ZBL SRAM flow-thru output 128K x 36 SSRAM SYNCHRONOUS ZBL SRAM FLOW-THRU OUTPUT
|
Austin Semiconductor
|
CY7C1338 7C1338 |
128K x 32 Synchronous-Flow-Through 3.3V Cache RAM From old datasheet system
|
Cypress
|