PART |
Description |
Maker |
AM79C901AVIT AM79C901AVCT AM79C901AJIT AM79C901AJC |
HomePHY Single-Chip 1/10 Mbps Home Networking PHY
|
Advanced Micro Devices, Inc.
|
AM79C873KCW AM79C873 |
NetPHY⑩ -1 10/100 Mbps Ethernet Physical Layer Single-Chip Transceiver with 100BASE-FX Support NETPHY⒙ -1 10/100 MBPS ETHERNET PHYSICAL LAYER SINGLE-CHIP TRANSCEIVER WITH 100BASE-FX SUPPORT NetPHY -1 10/100 Mbps Ethernet Physical Layer Single-Chip Transceiver with 100BASE-FX Support
|
AMD[Advanced Micro Devices]
|
AM79C978 AM79C978KC_W |
Single-Chip 1/10 Mbps PCI Home Networking Controller
|
Advanced Micro Devices
|
AM79C971 AM79C971KCW AM79C971VCW |
PCnet⑩-FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus PCnet-FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
|
AMD[Advanced Micro Devices]
|
DM9131 |
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
|
Davicom Semiconductor
|
AM79213 AM79C978 AM79C978KC_W AM79C978VC_W |
Single-Chip 1/10 Mbps PCI Home Networking Controller Advanced Subscriber Line Interface Circuit (ASLIC⑩) Device
|
AMD[Advanced Micro Devices]
|
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
LC66E308 LC66P308 LC66P2516 LC66P2108 LC665316A LC |
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM 四位单芯12微控制器,和16 KB的片上ROM Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP 0 to 70 Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM 4-bit Microcontroller with Built-in PROM
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] http://
|