PART |
Description |
Maker |
14-60-0069 14-60-1051 14-56-4084 14-56-4050 14-60- |
CGrid SL IDT Opt C Tin 06Ckt 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt C Tin 5Ckt 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT SR Assy Opt C 30 SAu 8Ckt 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 17 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt C Tin 16Ckt 100 SL Assy Single Row 30 SAu 4Ckt 21 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC
|
Molex, Inc. MOLEX INC
|
14-60-0044 14-60-0134 14-60-0164 |
CGrid SL IDT Opt G Tin 4Ckt 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt G Tin 13Ckt 13 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 100 SL Assy Single Row 15 SAu 16Ckt
|
Molex, Inc. MOLEX INC
|
AKD4683-B |
24bit CODEC that has two channels of ADC and four channels of DAC with internal DIR, DIT
|
Asahi Kasei Microsystems
|
EMC1152-1-AIZL-TR |
SST Compliant Hardware Monitor with Two Temperature Channels and Five Voltage Channels 海温的硬件显示器温度通道和两个电压通道
|
SMSC, Corp.
|
62P22-N4S 62P22-L4S 62P22-N0S |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER COMPACT PACKAGE-6 PC Mount Optical Encoder SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
Grayhill, Inc.
|
LA6565VR |
Monolithic Linear IC Five-Channel CD Actuator Driver (BTL: 4 channels, H bridge: 1 channel)
|
http:// Sanyo Semicon Device
|
15-80-0403 15-80-0445 15-80-0503 15-80-0101 15-80- |
CGrid VT Shrd Hdr Opt A 15 SAu 40Ckt 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Shrd Hdr Opt A 30 SAu 44Ckt 44 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Shrd Hdr Opt A 15 SAu 50Ckt 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Shrd Hdr Opt A Tin 10Ckt 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Shrd Hdr Opt A 30 SAu 8Ckt 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Shrd Hdr Opt A Tin 12Ckt
|
Molex, Inc. MOLEX INC
|
EMS22D31-R16-LD5 EMS22D33-R25-LD5 EMS22D51-C16-WS2 |
SINGLE, 3 CHANNELS, ROTARY/LINEAR OPTICAL POSITION ENCODER ROTARY OPTICAL POSITION ENCODER
|
BOURNS INC
|
BI38-O/1024AQ-11DB |
SINGLE, 3 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
BOURNS INC
|
25LR30-Q |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
GRAYHILL INC
|
PEL12S-2215F-N524 PEL12S-4020F-N524 PEL12S-2225F-N |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
BOURNS INC
|
|