PART |
Description |
Maker |
1A4534-07 1A4534-01 1A4534-06 1A4533-01 1A4533-06 |
450 - 950 MHz 47 dBm 3rd Order Intercept Point 8 mV Switching Transients TO- Package Fuse Clips for Printed Circuit Boards For ATC, 5mm, 1/4 and 13/32 Diameter Fuses
|
http:// Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] DAICO[DAICO Industries, Inc.]
|
MAFRIN0496 |
Single Junction Gull Wing Circulator 950 MHz-956 MHz
|
Tyco Electronics
|
ZB8PD-22-75 |
950 MHz - 2200 MHz RF/MICROWAVE COMBINER, 1.6 dB INSERTION LOSS CASE Z41
|
Mini-Circuits
|
MICRF221AYQS |
3.3V, QwikRadio 850 MHz to 950 MHz Receiver
|
Micrel Semiconductor
|
7718N-0026P 7718N-0027 7718N-0025 |
2000 MHz - 8000 MHz RF/MICROWAVE LINEAR DETECTOR, 17 dBm INPUT POWER-MAX 8000 MHz - 18000 MHz RF/MICROWAVE LINEAR DETECTOR, 17 dBm INPUT POWER-MAX 100 MHz - 2000 MHz RF/MICROWAVE LINEAR DETECTOR, 17 dBm INPUT POWER-MAX
|
M/A-COM Technology Solutions, Inc.
|
SLQ-67 |
90o HYBRID 10% BANDWIDTH Fc=450 MHz 90ì HYBRID 10% BANDWIDTH Fc=450 MHz
|
SYNERGY MICROWAVE CORPORATION
|
ACSM-2006NZM12-RC |
2000 MHz - 18000 MHz RF/MICROWAVE THRESHOLD DETECTOR, 20 dBm INPUT POWER-MAX
|
|
DAS6101 |
100 MHz - 6000 MHz RF/MICROWAVE LINEAR DETECTOR, 14 dBm INPUT POWER-MAX
|
TELEDYNE COUGAR INC
|
DAS8121 |
500 MHz - 8000 MHz RF/MICROWAVE LINEAR DETECTOR, 14 dBm INPUT POWER-MAX
|
TELEDYNE COUGAR INC
|
ACSM-2007NZM12-RC |
2000 MHz - 12000 MHz RF/MICROWAVE THRESHOLD DETECTOR, 20 dBm INPUT POWER-MAX
|
|
PE15A5040 |
6 Watt P1dB, 800 MHz to 960 MHz, High Power Amplifier, 30 dB Gain, 50 dBm IP3, 3 dB NF, SMA
|
Pasternack Enterprises,...
|
ACSP-2507NZC8R-RC |
2000 MHz - 12000 MHz RF/MICROWAVE THRESHOLD DETECTOR, 20 dBm INPUT POWER-MAX ROHS COMPLIANT, CASE C8
|
DB Lectro, Inc.
|