PART |
Description |
Maker |
KS88P0916 |
KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU/ a wide range of integrated peripherals/ and various mask-progr
|
Samsung semiconductor
|
HM6167LP-8 HM6167P-6 HM6167P-8 |
16384-word x 1-bit high speed CMOS static RAM, 100ns 16384-word x 1-bit high speed CMOS static RAM, 85ns
|
Hitachi Semiconductor
|
A23L1616 A23L16161 A23L16161V A23L16162 A23L16162V |
70ns 2M x 16/4M x 8bit CMOS MASK ROM 100ns 2M x 16/4M x 8bit CMOS MASK ROM Power Resistor; Series:MK; Resistance:20ohm; Resistance Tolerance: /- 1 %; Power Rating:0.75W; Voltage Rating:400V; Temperature Coefficient: /-50 ppm; Mounting Type:Through Hole; Operating Temp. Min:0 C; Terminal Type:Radial Leaded 2M X 16 / 4M X 8 BIT CMOS MASK ROM 200万16 / 4米8位CMOS掩膜ROM
|
AMICC[AMIC Technology] AMIC Technology Corporation AMIC Technology, Corp.
|
TC55417J TC55417P |
(TC55417P/J) 16384 x 4-Bit CMOS Static RAM
|
Toshiba
|
HM6167 |
16384 x 1-Bit High Speed CMOS SRAM
|
Hitachi
|
A23L9308 A23L9308-15 A23L9308-20 A23L9308H-15 A23L |
524288 X 8 BIT CMOS MASK ROM 524,288 X 8 BIT CMOS MASK ROM 524/288 X 8 BIT CMOS MASK ROM
|
AMIC Technology Corporation AMICC[AMIC Technology]
|
C505CAROM/ROMLESSTYPES SAK-C505A-2RM SAB-C505A-4RM |
8-bit Microcontroller with Complete CAN Capability 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM, with CAN (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory, with CAN (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory, with CAN (16MHz)
|
Infineon
|
A23W8308 A23W8308L A23W8308H A23W8308M |
262,144 X 8 BIT CMOS MASK ROM 120ns/5.0V; 150ns/3.0V 262,144 x 8bit CMOS MASK ROM
|
AMIC Technology
|
MB834000A |
CMOS 4M-Bit Mask ROM
|
Fujitsu
|
K3N4C1000D-DC K3N4C1000D-GC |
8M-Bit CMOS Mask ROM
|
Samsung Electronics
|
KM23V4000ETY |
(KM23x4000xTY) 4M-Bit CMOS Mask ROM
|
Samsung Semiconductor
|