PART |
Description |
Maker |
SM75F SM100F |
RECTIFIER UP YO 10kV, 290mA, 300ns
|
SEMTECH[Semtech Corporation]
|
2CL72A |
Plastic Fast Recover High Voltage Rectifier Reverse Voltage 10KV Forward Current 5mA
|
Rugao Dachang Electronics Co., Ltd
|
ESJC50F10-16 |
500mA 10kV 100nS--High voltage silicon rectifier diode
|
GETAI ELECTRONICS DEVIC...
|
HV600S10 |
600mA 10kV HIGH VOLTAGE DIODES
|
getedz electronics
|
2CL2G |
10kV 100mA HIGH VOLTAGE DIODE
|
getedz electronics
|
STG4159BJR |
Low Voltage 0.3 Ohm Max Single SPDT Switch with Break-Before-Make Feature and 10kV Contact ESD Protection
|
ST Microelectronics
|
ADM1487JR ADM1487 ADM1487AN ADM1487AR ADM1487JN |
Ultra-Low Power RS-485/RS-422 Transceiver with Low EMI and /-10kV ESD Protection LINE TRANSCEIVER, PDIP8
|
http:// AD[Analog Devices] Analog Devices, Inc.
|
MBRD360T4 MBRD360G MBRD360 MBRD360RLG MBRD340G MBR |
SWITCHMODE Power Rectifiers 3A 60V Schottky Rectifier 3A 30V Schottky Rectifier 3A 50V Schottky Rectifier 3A 40V Schottky Rectifier 3A 20V Schottky Rectifier
|
ONSEMI[ON Semiconductor]
|
3FF10 3FF05 3FF15 |
Rectifier Diode, Ultra Fast Recovery Rectifier, Single, 50V, G102, 2-Pin RECTIFIER, up to 150V, 3.1A, 30ns
|
Semtech Corporation
|
FM305B FM306B FM303B FM302B FM304B FM301B FM302B-W |
3 A, 200 V, SILICON, RECTIFIER DIODE, DO-214AA 3 A, 400 V, SILICON, RECTIFIER DIODE, DO-214AA 3 A, 100 V, SILICON, RECTIFIER DIODE, DO-214AA SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes 3 A, 50 V, SILICON, RECTIFIER DIODE, DO-214AA 3 A, 600 V, SILICON, RECTIFIER DIODE, DO-214AA
|
RECTRON LTD Rectron Semiconductor
|
SB16-04LHP |
Rectifier Schottky Barrier Diode Rectifier 40V, 1.6A Rectifier(用于高频整流应用的重复反向电0V,平均整流电1.6A 整流 40V的,1.6A的整流(用于高频整流应用的重复反向电0V的,平均整流电流1.6A的整流器 1.3 A, 40 V, SILICON, RECTIFIER DIODE
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co., Ltd.
|