PART |
Description |
Maker |
UF1000F |
ULT RAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes
|
Yea Shin Technology Co., Ltd
|
CMSH3-20MA CMSH3-100MA CMSH3-40MA CMSH3-60MA |
SURFACE MOUNT SCHOTTKY BARRIER SILICON RECTIFIER 3.0 AMP, 20 THRU 100 VOLTS SMD Schottky Rectifier Single
|
Central Semiconductor Corp.
|
B120B10 B1XX-13-F B1XXB-13-F B150-13-F B140-13-F B |
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER RECTIFIER SCHOTTKY SINGLE 1A 50V 30A-Ifsm 0.7Vf 0.5A-IR SMA 5K/REEL 1 A, 50 V, SILICON, SIGNAL DIODE
|
Diodes Incorporated http:// Diodes, Inc.
|
C3D06060A |
Silicon Carbide Schottky Diode Z-Rec Rectifier 600-Volt Schottky Rectifier
|
Cree, Inc
|
CPD81 |
Chip Form: SILICON SCHOTTKY DIODE Schottky Rectifier 5 Amp Schottky Barrier Rectifier Chip
|
Central Semiconductor Corp
|
MBR20100CT-1-G MBR20100CT-G MBRB2090CT-G MBRB2080C |
SCHOTTKY RECTIFIER 10 A, SILICON, RECTIFIER DIODE, TO-220AB SCHOTTKY RECTIFIER 10 A, SILICON, RECTIFIER DIODE, TO-262AA
|
Sensitron Semiconductor
|
SD125SA60B |
SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 ∑C TJ Operation) 15 A, SILICON, RECTIFIER DIODE
|
Sensitron Semiconductor
|
CR80-040 CR150-100 CR80-020LEADFREE CENTRALSEMICON |
2.5V to 5.5V, 230µA Dual Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 24-lead TSSOP 80 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 150 A, 1000 V, SILICON, RECTIFIER DIODE, DO-8 80 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 600 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 1200 V, SILICON, RECTIFIER DIODE, DO-5 True Bipolar Input, Dual 12-Bit, 2-Channel, Simultaneous Sampling SAR ADC; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial 80 A, 800 V, SILICON, RECTIFIER DIODE, DO-5
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
SSR8045-3 SSR8045_3 SSR8045CT/3 |
80AMPS 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER 80 A, 45 V, SILICON, RECTIFIER DIODE, TO-3 80AMPS 45 VOLTS SCHOTTKY RECTIFIER
|
Solid State Devices, Inc. SSDI[Solid States Devices, Inc]
|
81CNQ040ASM FST8050SM FST8050SM1A |
40V 80A Schottky Common Cathode Diode in a D61-8-SM package 40V的共阴极80A条肖特基二极 8 -钐封装,D61 Schottky Rectifier 40 A, 50 V, SILICON, RECTIFIER DIODE
|
International Rectifier, Corp. MICROSEMI CORP
|
|