PART |
Description |
Maker |
KM684002AE |
512Kx8 Bit High Speed Static RAM
|
Samsung
|
K6R4008C1D |
512Kx8 Bit High Speed Static RAM(5.0V Operating)
|
Samsung semiconductor
|
K6R4008V1C-C K6R4008V1C-C10 K6R4008V1C-C12 K6R4008 |
512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
|
Samsung semiconductor
|
KM68257E KM68257E-10 KM68257E-12 KM68257E-15 KM682 |
32Kx8 bit high-speed CMOS static RAM (5V operating), 15ns 32Kx8 bit high-speed CMOS static RAM (5V operating), 10ns 32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges. 32Kx8位高速CMOS静态RAMV的工作),在商业和工业温度范围操作 32Kx8 bit high-speed CMOS static RAM (5V operating), 12ns
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
HT23C040H 23C040H |
CMOS 512KX8-Bit High Speed Mask ROM From old datasheet system
|
holtek
|
IDT7133LA IDT7133SA IDT7143LA IDT7143SA IDT7133LA5 |
HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K x 16 Dual-Port RAM HIGH SPEED 2K X 16 DUAL-PORT SRAM HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 90 ns, CPGA68 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 90 ns, PQCC68 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 90 ns, PQFP100 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 90 ns, CQFP68 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 35 ns, CQFP68 30V N-Channel Logic Level PowerTrench MOSFET; Package: SuperSOT; No of Pins: 3; Container: Tape & Reel 2K X 16 DUAL-PORT SRAM, 35 ns, PQFP100 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 25 ns, PQCC68 150V N-Channel UltraFET Trench MOSFET; Package: TO-220; No of Pins: 3; Container: Rail 2K X 16 DUAL-PORT SRAM, 25 ns, CQFP68 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 25 ns, CPGA68 INDUCT 22.8UH 4.9A 260KHZ KLIPMT 2K X 16 DUAL-PORT SRAM, 25 ns, CPGA68 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 高K × 16的CMOS双端口静态存储器 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 45 ns, CQFP68 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 45 ns, PQCC68 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 45 ns, PQFP100 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 70 ns, CQFP68 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 高2K × 16的CMOS双端口静态存储器 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 70 ns, CPGA68 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 70 ns, PQCC68 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 70 ns, PQFP100 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 35 ns, CPGA68 400V N-Channel MOSFET; Package: TO-220; No of Pins: 3; Container: Rail 2K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 35 ns, PQCC68 100V N-Channel Trench MOSFET 2K X 16 DUAL-PORT SRAM, 35 ns, CPGA68 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 55 ns, PQCC68
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
K6R4004C1C-C K6R4004C1C-I20 K6R4004C1C-C10 K6R4004 |
1Mx4 Bit High Speed Static RAM(5V Operating). 1Mx4位高速静态RAMV的工作) 1Mx4 Bit High Speed Static RAM(5V Operating). 1Mx4位高速静RAMV的工作) 1Mx4 Bit High Speed Static RAM(5V Operating). 1Mx4位高速静态RAM5V的工作)
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
IDT7015L17PFB IDT7015S17PFB IDT7015L12JB IDT7015S1 |
HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 17 ns, PQCC68 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 高K的9双端口静态RAM HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 15 ns, PQFP80 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 35 ns, PQFP80 LED/TAPE AND REEL OR BULK//YELLOW RIGHT ANGLE 8K X 9 DUAL-PORT SRAM, 35 ns, PQCC68 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 12 ns, PQFP80 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 15 ns, CPGA68 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 25 ns, PQFP80 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 12 ns, CPGA68
|
Integrated Device Technology, Inc.
|
W26020A W26020A-20 W26020A-25 W26020AT-20 W26020AT |
128K X 16 High Speed CMOS Static RAM 128K x 16 HIGH-SPEED CMOS STATIC RAM From old datasheet system 128K×16bit High-Speed CMOS Static RAM(128K×16位高速CMOS静态RAM) 128K的16位高速CMOS静态RAM28K的16位高速的CMOS静态RAM)的 128K X 16 High Speed CMOS Static RAM 128K的16高速CMOS静态RAM
|
WINBOND[Winbond] Winbond Electronics Corp Winbond Electronics, Corp.
|
CXK591000YM-55LL CXK591000TM CXK591000TM-10LL CXK5 |
131/072-word X 9-bit High Speed CMOS Static RAM 131,072-word X 9-bit High Speed CMOS Static RAM 131,072字9位高速CMOS静态RAM 128 x 64 pixel format, LED Backlight available 131,072字9位高速CMOS静态RAM
|
SONY[Sony Corporation] Sony, Corp.
|
BS62LV4008 BS62LV4008TI BS62LV4008TC BS62LV4008STC |
From old datasheet system Asynchronous 4M(512Kx8) bits Static RAM Very Low Power/Voltage CMOS SRAM 512K X 8 bit 非常低功电压CMOS SRAM的为512k × 8
|
BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC. Brilliance Semiconducto...
|
CXK5B16120J/TM-12 |
65536-word x 16-bit High Speed Bi-CMOS Static RAM 65536字16位高速双CMOS静态RAM 65536-word x 16-bit High Speed Bi-CMOS Static RAM
|
Johnson Electric Group SONY
|