PART |
Description |
Maker |
74VHC16 74VHC164MTCXNL 74VHC164MXNL 74VHC164MT 74V |
Quadruple 2-Input Positive-NOR Gates 14-TSSOP -40 to 85 AHC/VHC/H/U/V SERIES, 8-BIT RIGHT SERIAL IN PARALLEL OUT SHIFT REGISTER, TRUE OUTPUT, PDSO14 8-Bit Serial-In, Parallel-Out Shift Register 8-Bit Serial-In Parallel-Out Shift Register
|
Fairchild Semiconductor, Corp. http:// FAIRCHILD[Fairchild Semiconductor]
|
74F676PC 74F676SC 74F676SPC 74F676 |
SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 5 A, Pin Plunger Actuator, Solder Termination F/FAST SERIES, 16-BIT RIGHT PARALLEL IN SERIAL OUT SHIFT REGISTER, TRUE OUTPUT, PDIP24 16-Bit Serial/Parallel-In / Serial-Out Shift Register 16-Bit Serial/Parallel-In, Serial-Out Shift Register
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MC54HC589J MC54_74HC589A MC74HC589D MC74HC589N ON1 |
8-BIT SERLAL OR PARALLEL-INPUT/SERIAL-OUTPUT SHIFT REGISTER WITH 3-STATE OUTPUT From old datasheet system 8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output High-Performance Silicon-Gate CMOS
|
MOTOROLA[Motorola Inc] ON Semi Motorola, Inc
|
HCS165MS HCS165D HCS165DMSR HCS165HMSR HCS165K HCS |
Radiation Hardened Inverting 8-Bit Parallel-Input/Serial Output Shift Register(抗辐射反位并入串出移位寄存器) Register, Shift, Parellel-In/Serial-Out, 8-Bit, Inverting, Rad-Hard, High-Speed, CMOS, Logic
|
INTERSIL[Intersil Corporation]
|
MC54HC165AJ MC54HC165A MC54-74HC165A MC74HCXXXAD M |
8-Bit Serial or Parallel-Input/Serial-Output Shift Register
|
Motorola, Inc
|
KK74HC166A |
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
|
KODENSHI KOREA
|
IN74HC166 IN74HC166D IN74HC166N |
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
|
INTEGRAL Semiconductor Devices ETC INTEGRAL[Integral Corp.]
|
IN74HC166A IN74HC166AD IN74HC166AN |
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
|
IK Semicon Co., Ltd
|
KK74HC166A KK74HC166AD KK74HC166AN |
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
|
KODENSHI KOREA CORP.
|
SL74HC595 SL74HC595D SL74HC595N HC595 SL74HC |
8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs SPECIAL ORDER Domestic Power Source, Wall Plug-In, Input Voltage (AC) 120, Output 13.5 Volts DC Unregulated, 1.7 A
|
System Logic Semiconduc... SLS[System Logic Semiconductor] System Logic Semiconductor Co., Ltd.
|
MM74HC597 MM74HC597M MM74HC597N MM74HC597SJ |
1.5 A 280kHz/560kHz Boost Regulators; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 HC/UH SERIES, 8-BIT RIGHT PARALLEL IN SERIAL OUT SHIFT REGISTER, TRUE OUTPUT, PDSO16 From old datasheet system 8-Bit Shift Registers with Input Latches
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
HEF4731BP HEF4731B HEF4731BD HEF4731BF HEF4731BN H |
Quadruple 64-bit static shift register 4000/14000/40000 SERIES, 64-BIT RIGHT SERIAL IN SERIAL OUT SHIFT REGISTER, TRUE OUTPUT, CDIP14
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|