PART |
Description |
Maker |
CT1469-2 |
CT1469-2 MIL-STD-1397 Type E 10MHz Transceiver
|
AEROFLEX[Aeroflex Circuit Technology]
|
HI-6110 |
MIL-STD-1553 / MIL-STD-1760 BC / RT / MT Message Processor
|
Holt Integrated Circuit...
|
5962-3826707 5962-3826705 5962-3826701 |
128K x 8 EEPROM, MIL-STD-883C, 120ns 128K x 8 EEPROM, CMOS, MIL-STD-883, 150ns 128K EEPROM MIL-STD-883, 250ns
|
Intersil
|
COM1553BCD COM1553BHR |
MIL-STD-1553/ARINC Bus Controller/RTU MIL-STD-1553/ARINC总线控制 RTU通讯
|
ITT, Corp.
|
DFM14 |
Military, MIL-R-83401 Qualified, Type RZ, 11, 12, 15 Schematics, Hot Solder Dip, Highly Stable, Passes MIL-STD-202 Method 210, Condition E ""Resistance to Soldering Heat"" Test
|
Vishay
|
CT2565-FP CT2565-001-2 |
CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B 2 CHANNEL(S), 1M bps, MIL-STD-1553 CONTROLLER, MQIP78
|
Aeroflex Inc.
|
BUS-61570-830K BUS-61571-830K BUS-61571-XXXX BUS-6 |
MIL-STD-1553 Bc-rt-mt Integrated Terminal Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection Small Signal Bias Resistor Transistor, PNP, 50 V 5 V ECL 2 Divider 9-Bit ECL to TTL Translator 2.5 V / 3.3 V ECL 2-Input Differential AND/NAND MIL-STD-1553B NOTICE 2 ADVANCED INTEGRATED MUX HYBRIDS WITH ENHANCED RT FEATURES (AIM-HYer) 符合MIL - STD - 1553B总线公告2先进综合复用的杂交强化逆转录特征(枚AIM - HYer 5V ECL JK Flip-Flop 符合MIL - STD - 1553B总线公告2先进综合复用的杂交强化逆转录特征(枚AIM - HYer 5V ECL 2:1 Multiplexer 符合MIL - STD - 1553B总线公告2先进综合复用的杂交强化逆转录特征(枚AIM - HYer
|
List of Unclassifed Man... Data Device ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. http://
|
CT2566-FP |
CT2566 MIL-STD-1553 to Microprocessor Interface Unit CT2566的MIL - STD - 1553的微处理器接口单
|
Aeroflex Inc. Aeroflex, Inc.
|
ARX4404 ARX4404-001-1 ARX4404-001-2 ARX4404-201-1 |
ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553 ARX4404 & 4407 Transceivers for MACAIR A3818 A5690 A5232 A4905 & MIL-STD-1553 ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553 ARX4404 & 4407 Transceivers for MACAIR A3818/ A5690/ A5232/ A4905 & MIL-STD-1553 Circular Connector; No. of Contacts:3; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Cable Receptacle; Insert Arrangement:22-9 RoHS Compliant: No ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
|
AEROFLEX[Aeroflex Circuit Technology] Aeroflex Inc.
|
5962-9306501HYC 5962-9306501HYA 5962-9306515HXC 59 |
Precision, Quad, SPST Analog Switches Low-Voltage, Quad, SPDT, CMOS Analog SwitchReplaces MAX333A High-Voltage, Fault-Protected Analog Multiplexers 2.488Gbps/2.67Gbps 1:4 Demultiplexer with Clock and Data Recovery and Limiting Amplifier 3.3V, 2.5Gbps/2.7Gbps, SDH/SONET 4:1 Serializer with Clock Synthesis 3.3V, 2.5Gbps, SDH/SONET 16:1 Serializer with Clock Synthesis and LVDS Inputs Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC MIL-STD-1553/ARINC Bus Controller/RTU MIL-STD-1553/ARINC总线控制 RTU通讯 Precision, Low-Voltage, SPST CMOS Analog Switch MIL-STD-1553/ARINC总线控制 RTU通讯 2.7Gbps Laser Driver with Modulation Compensation MIL-STD-1553/ARINC总线控制 RTU通讯
|
Richtek Technology, Corp. TE Connectivity, Ltd.
|
HI-1566CDT HI-1566CDI HI-1565PSTF HI-1565PCI HI-15 |
5V Monolithic Dual Transceivers DATACOM, MIL-STD-1553 DATA BUS TRANSCEIVER, CDIP20 5V Monolithic Dual Transceivers DATACOM, MIL-STD-1553 DATA BUS TRANSCEIVER, PDSO20 5V Monolithic Dual Transceivers 5V的单片双收发 5V Monolithic Dual Transceivers DATACOM, MIL-STD-1553 DATA BUS TRANSCEIVER, PQCC44
|
Holt Integrated Circuits, Inc.
|