PART |
Description |
Maker |
M74HC574 M74HC574B1R M74HC574C1R M74HC574F1R M74HC |
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT HC564 INVERTING - HC574 NON INVERTING
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
74F643PC |
8-Bit Inverting/Non-Inverting Bus Trasceiver 8位反非反相总线Trasceiver
|
Rochester Electronics, LLC
|
P74FCT643CTP |
8-Bit Inverting/Non-Inverting Bus Trasceiver 8位反非反相总线Trasceiver
|
STMicroelectronics N.V.
|
M74HC365 M74HC365B1R M74HC365C1R M74HC365F1R M74HC |
RAD-HARD HEX BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTING) HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
TC4049BF TC4049BFN TC4049BP TC4050BF TC4050BFN TC4 |
HEX BUFFER/CONVERTER (INVERTING TYPE, NON-INVERTING TYPE) 六角缓冲/转换器(反相型,非反相型 From old datasheet system
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
SP682EN SP682EP SP682EU SP682CU SP682CN SP682CP SP |
Micro Power Inverting Charge Pump Ultra-Low Power Inverting Voltage Doubler
|
SIPEX[Sipex Corporation]
|
XC7SH14GV XC7SH14GW XC7SH14 |
High-speed Si-gate CMOS device, inverting buffer function with Schmitt trigger action Inverting Schmitt trigger
|
NXP Semiconductors
|
TC1028 |
The TC1028 is a mixed-function device combining two comparators and a voltage reference in a single 8-pin package. The inverting input of comparator A and the non-inverting input of comparator B are internally connected to the reference. T
|
Microchip
|
M74HC373 M74HC373B1R M74HC373C1R M74HC373F1R M74HC |
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT HC373 NON INVERTING - HC533 INVERTING 八路D型,3态输出的非反相HC373 - HC533反向锁存 8-Bit, 1.25 MSPS Single Ch., Hardware Config., Low Power w/Auto or S/W PowerDown 24-SOIC -40 to 85 八路D型,3态输出的非反相HC373 - HC533反向锁存
|
STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V. ST Microelectronics
|
MAX739 MAX739CPD MAX739CWE MAX739EPD MAX739EWE MAX |
-5V,-12V,-15V, and Adjustable Inverting Current-Mode PWM Regulators 2.5 A SWITCHING REGULATOR, 185 kHz SWITCHING FREQ-MAX, PDSO16 -5V,-12V,-15V, and Adjustable Inverting Current-Mode PWM Regulators 2.5 A SWITCHING REGULATOR, 165 kHz SWITCHING FREQ-MAX, UUC13 Synchronous 4-Bit Up/Down Counters (Dual Clock With Clear) 16-CDIP -55 to 125 2.5 A SWITCHING REGULATOR, 165 kHz SWITCHING FREQ-MAX, PDIP14 V - 12V的,- 15V的,和可调反相电流模式PWM稳压 -5V /-12V /-15V / and Adjustable Inverting Current-Mode PWM Regulators -5V-12V-15V and Adjustable Inverting Current-Mode PWM Regulators -12V, Inverting, PWM, Current-Mode DC-DC Converter
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|