PART |
Description |
Maker |
2N6290 2N6473 2N6476 2N6293 2N6110 2N6107 2N6108 2 |
EPITAXIAL-BASE/ SILICON N-P-N AND P-N-P VERSAWATT TRANSISTORS SMA FEMALE POWER DIVIDER; NUMBER OF OUTPUT PORTS: 4; FREQUENCY RANGE: 0.5 - 1 GHz; MINIMUM ISOLATION: 20 dB; VSWR: 1.30 MAXIMUM; MAXIMUM INSERTION EPITAXIAL-BASE SILICON N-P-N AND P-N-P VERSAWATT TRANSISTORS EPITAXIAL-BASE, SILICON N-P-N AND P-N-P VERSAWATT TRANSISTORS
|
Boca Semiconductor Corp. BOCA[Boca Semiconductor Corporation]
|
2SA2044 2SC5710 2SA2044FA 2SC5710TP-FA |
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 9A I(C) | TO-252VAR DC / DC Converter Applications PNP/NPN Epitaxial Planar Silicon Transistors PNP / NPN Epitaxial Planar Silicon Transistors PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
2SC2344 2SA1011 |
NPN Epitaxial Planar Silicon Transistors High-Voltage Switching, AF Power Amp, 100W Output Predriver Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SC3253 0043 |
NPN Epitaxial Planar Silicon Transistors 60V/5A High-Speed Switching Applications From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1701 |
PNP Epitaxial Planar Silicon Transistors Low-Frequency General-Purpose Amplifier Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SB1455 2SD2203 |
NPN Epitaxial Planar Silicon Transistors 80V/7A High-Current Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SD1999 |
NPN Epitaxial Planar Silicon Transistors Compact Motor Driver Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SB1121 2SD1621 2SD1621U 2SB1121R |
NPN Epitaxial Planar Silicon Transistors High-Current Driver Applications PNP/NPN Epitaxial Planar Silicon Transistors Low-Power, Single/Dual-Level Battery Monitors with Hysteresis 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路
|
Sanyo Hitachi,Ltd.
|
BD795 BD798 BD796 BD801 BD802 BD800 BD799 BD797 |
EPITAXIAL-BASE,SILICON N-P-N AND P-N-P VERSAWATT TRANSISTORS ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84% EPITAXIAL-BASE/SILICON N-P-N AND P-N-P VERSAWATT TRANSISTORS
|
INTERSIL[Intersil Corporation]
|
2SC3117 2SA1249 |
NPN Epitaxial Planar Silicon Transistors 160V/1.5A Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SD1061 2SB825 |
PNP Epitaxial Planar Silicon Transistors 50V/7A Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|