PART |
Description |
Maker |
S1T8514B S1T8514B01-V0B0 S1T8514B01 |
TELECOM, PAGING RECEIVER, PDSO20 FM IF RECEIVER WITH RSSI Data Sheet
|
SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
MC10H334 MC10H334FN MC10H334L MC10H334P ON0783 |
From old datasheet system Quad Bus Driver/Receiver with Transmit and Receiver Latches
|
ONSEMI[ON Semiconductor] Motorola, Inc
|
MF82M1-GMCAVXX MF84M1-GMCAVXX MF88M1-GMCAVXX MF816 |
32Mb, 8/16-bit data bus compact flash card 16Mb, 8/16-bit data bus compact flash card 8/16-bit Data Bus Flash Memory Card 20Mb, 8/16-bit data bus compact flash card
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
MF34M1-LZCATXX MF3257-LZCATXX MF3513-LZCATXX MF312 |
512Kb, 8/16-bit data bus static RAM card 128Kb, 8/16-bit data bus static RAM card STATIC RAM CARDS 8/16-bit Data Bus Static RAM Card 16位产品数据总线静态存储器 256Kb, 8/16-bit data bus static RAM card
|
Mitsubishi Electric Semiconductor Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
ADM5180 ADM5180AN ADM5180AP ADM5180JN ADM5180JP AD |
Octal, RS-232/RS-423 Line Receiver LINE RECEIVER, PDIP28 Octal/ RS-232/RS-423 Line Receiver Octal, Differential Line Receiver Suitable for a Wide Range of Digital Communciation Systems with Data Rates up to 200 k/Bs
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
RX2A RX2A-433-10 RX2A-433-64 |
UHF FM receiver module with RSSI UHF FM Data Transmitter and Receiver Modules
|
Radiometrix Ltd
|
AM79865/AM79866A |
8BIT AT90 RISC 128KB FLASH 16MHZ 3.3/5V 64QFN Am79865/Am79866A - Physical Data Transmitter/Physical Data Receiver
|
Advanced Micro Devices
|
RM5231A-300-HI RM5231A-250-H RM5231A-350-H |
RM5231A?/font> Microprocessor with 32-Bit System Bus Data Sheet Preliminary RM5231A Microprocessor with 32-Bit System Bus Data Sheet Preliminary RM5231AMicroprocessor with 32-Bit System Bus Data Sheet Preliminary 64-BIT, 350 MHz, MICROPROCESSOR, PQFP128 RM5231AMicroprocessor with 32-Bit System Bus Data Sheet Preliminary 64-BIT, 300 MHz, MICROPROCESSOR, PQFP128 RM5231A??Microprocessor with 32-Bit System Bus Data Sheet Preliminary
|
PMC-Sierra Inc PMC-Sierra, Inc. PMC-Sierra Inc
|
MC145145P2 MC145145DW2 MC1451452 |
4-Bit Data Bus Inpu PLL Frequency Synthesizer 4-Bit Data Bus Input PLL F requency Synthesizer
|
Motorola, Inc.
|
MB89251A |
SERIAL DATA TRANSMITTER / RECEIVER
|
Fujitsu Component Limited. Fujitsu Media Devices Limited
|
25AA160 25C160 25LC160 25LC160T-ISN 25C160T-ISN 25 |
Power Source Selector for Dual-Battery Systems Voltage-Positioning Evaluation Kit for the MAX1711 Evaluation Kit for the MAX1773 Evaluation Kit for the MAX1844 The 25LC160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and dat The 25C160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data The 25AA160 is a 16K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and dat
|
Microchip
|
SL6609AKGNPDE SL6609AKGNPDS SL6609A |
Direct Conversion FSK Data Receiver
|
Mitel Networks Corporation
|