PART |
Description |
Maker |
SC-A1421-FREQ SC-A1420-FREQ SC-A142X SC-1420-FREQ |
Crystal Clock Oscillators 晶体时钟振荡 SE Series Environmentally Sealed Basic Switch, Single Pole Normally Open Circuitry, 5 A at 250 Vac, Pin Plunger Actuator, Solder (Turret) Termination SE Series Environmentally Sealed Basic Switch, Single Pole Normally Closed Circuitry, 5 A at 250 Vac, Pin Plunger Actuator, Leadwire Termination SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 7 A, Pin Plunger Actuator, Solder Termination
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|
APTM100UM45DAG |
Single Switch Series Diodes
|
Microsemi
|
HGTP3N60A4D HGTP3N60A4D9A HGT1S3N60A4DS HGT1S3N60A |
600V, SMPS Series N-Channerl IGBT with Anti-Paralle Hyperfast Diode 600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 600V SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
80C51FA TP80C51FA LN83C51FA TN83C51FA LN80C51FA AN |
(193.00 k) 93.00十一 DIP Switch; No. of Switch Positions:3; Circuitry:SPST; Contact Current Max:100mA; Switch Terminals:Through Hole; Pitch Spacing:2.54mm; Row Spacing:8mm; Series:SD; Actuator Style:Flush Slide RoHS Compliant: Yes 93.00十一 Event-Control CHMOS Single Chip 8-Bit Microcontroller(控制事件CHMOS 单片8位微控制 EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
|
XP Power, Ltd. Intel Corp. INTEL[Intel Corporation] Panasonic Semiconductor
|
APTM50UM13SAG |
Single switch Series & parallel diodes MOSFET Power Module
|
MICROSEMI[Microsemi Corporation]
|
APTM100U13S |
Single switch Series & parallel diodes MOSFET Power Module
|
ADPOW[Advanced Power Technology]
|
APTM20UM04SAG |
Single switch Series & parallel diodes MOSFET Power Module
|
MICROSEMI[Microsemi Corporation]
|
APTM50UM13S-ALN |
Single switch Series & parallel diodes MOSFET Power Module
|
ADPOW[Advanced Power Technology]
|
FST34X2245QSPXNL FST34X2245_05 FST34X2245 FST34X22 |
32-Bit Bus Switch with 25 Ohm Series Resistor in Outputs 32-Bit Bus Switch with 25ohm Series Resistors in Outputs CBT/FST/QS/5C/B SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PDSO80
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
SA45A SA40A SA150A SA20A SA30 SA100 SA24 SA48 SA33 |
500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors 4AV Series Hall-Effect Vane with 24 AWG irradiated polyethelene 334 mm [13.15 in] lead wires HS Series Hermetically Sealed Basic Switch, Single Pole Double Throw Circuitry, 0.5 A at 125 Vac, Integral Lever Actuator, Leadwire Termination 510 Series Encoder, Mechanical 4 pulse/rev/channel 2-bit Gray code 瞬态电压抑制器
|
ON Semiconductor EIC Semiconductor, Inc. EIC[EIC discrete Semiconductors] Electronics Industry Public Company Limited EIC discrete Semiconduc...
|
M37515M4-C07HP M37515M4-C05HP M37515M4-C08HP M3751 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER TD1104 series detector switch features long travel and a smooth operation
|
Mitsubishi Electric Corporation
|