PART |
Description |
Maker |
ZXRD1050PQ16 ZXM64NO3X ZXRD1033PQ16 ZXRD1033NQ16 Z |
HIGH EFFICIENCY SIMPLESYNC?PWM DC-DC CONTROLLERS 5 V, High efficiency simplesync PWM DC-DC controller 3.3 V, High efficiency simplesync PWM DC-DC controller PTSE 30C 29#20 1#16 PIN RECP MC680X0 FPU COPROCESSOR Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3121; No. of Contacts:11; Connector Shell Size:18; Connecting Termination:Crimp; Circular Shell Style:Cable Receptacle RoHS Compliant: No HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS Adj, High efficiency simplesync PWM DC-DC controller
|
Diodes Incorporated ZETEX PLC Zetex Semiconductors
|
MV5437 |
3 LEADS BICOLOR T-1 3/4 SOLID STATE LAMPS T-1 3/4 DUAL COLOR LED, HIGH EFFICIENCY GREEN/HIGH EFFICIENCY RED, 5 mm
|
QT[QT Optoelectronics]
|
MAX1649 MAX1649C_D MAX1649CPA MAX1649CSA MAX1649EP |
5V/3.3V or Adjustable, High-Efficiency,Low-Dropout, Step-Down DC-DC Controllers(5V或可降压型,输出电流2A,DC-DC变换MAX649的改进型) 5V/3.3V或可调、高效率、低压差、降压型DC-DC控制 Circular Connector; Body Material:Aluminum Alloy; Series:D38999; No. of Contacts:100; Connector Shell Size:23; Connecting Termination:Grounded; Gender:Male SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8 5V/3.3V or Adjustable / High-Efficiency / Low-Dropout / Step-Down DC-DC Controllers 5V/3.3V or Adjustable High-Efficiency Low-Dropout Step-Down DC-DC Controllers 5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
LTC1697 LTC1697EMS LTC1697EMSPBF |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS High Efficiency Low Power 1W CCFL Switching Regulator
|
LINEAR TECHNOLOGY CORP
|
MUR360 MUR340 |
From old datasheet system Plastic High-Efficiency Rectifiers (Reverse Voltage 400 to 600V Forward Current 3.0A) (MUR340 / MUR360) Plastic High-Efficiency Rectifiers
|
List of Unclassifed Manufacturers ETC[ETC] SIYU Electronic Theatre Controls, Inc.
|
LTC1142-ADJ LTC1142HV-ADJ LTC1142HVCG-ADJ LTC1142L |
Dual High Efficiency Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS OCTAL BUS TRANSCEIVER O.C. 20-SO 0 to 70
|
Linear Technology Corporation
|
HFM208A HFM201A HFM202A HFM203A HFM204A HFM205A HF |
2 A, 50 V, SILICON, RECTIFIER DIODE, DO-214AC SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes HIGH EFFICIENCY RECTIFIER 50V 2.0A
|
RECTRON LTD Rectron Semiconductor
|
PCB-1202-1YG PCB-1202-1RG-01 |
T-1 DUAL COLOR LED ARRAY, YELLOW/HIGH EFFICIENCY GREEN, 3 mm T-1 DUAL COLOR LED ARRAY, HIGH EFFICIENCY RED/HIGH EFFICIENCY GREEN, 3 mm
|
LEDtronics, Inc.
|
L796BSRD L796BGD L796BID L796BSRB L796BSRC L796BSR |
The High Efficiency Red Source Color Devices T-3 SINGLE COLOR LED, HIGH EFFICIENCY RED, 8 mm
|
Kingbright Electronic KINGBRIGHT[Kingbright Corporation] Kingbright, Corp.
|
LTC1628-PG LTC1628I-PG LTC1628C-PG LTC1628CG-PG |
High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS High Efficiency/ 2-Phase Synchronous Step-Down Switching Regulators
|
Linear Technology Corporation
|