PART |
Description |
Maker |
5SB200CYY3K-2V-BP 5SB206CAY3K-2V-BP 5SB206CIWY3K-2 |
DOUBLE CONTACT TYPE MINIATURE BASELED LAMPS 双接触式微型BASELED
|
Electronic Theatre Controls, Inc.
|
PZM5.6NB2A PZM4.7NB2A PZM15NB2A PZM3.9NB2A PZM2.7N |
Voltage regulator double diodes 12 V, 0.22 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236 Voltage regulator double diodes 稳压双二极管 Voltage regulator double diodes 2.4 V, 0.22 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236 Voltage regulator double diodes 3 V, 0.22 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236 RF/Coaxial Connector; RF Coax Type:TNC; Contact Termination:Crimp; Impedance:50ohm; Body Style:Straight Plug; RG Cable Type:58, 58A, 58C, 141, 303, LMR195, Belden 7806A; Body Plating:Nickel RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:BNC; Contact Termination:Crimp; Body Style:Right Angle Plug; RG Cable Type:59, 62, Belden 8241, 8263, 8279, 9209 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:TNC; Contact Termination:Crimp; Impedance:50ohm; Body Style:Straight Bulkhead Jack; RG Cable Type:174, 188A, 316, Belden 7805A RoHS Compliant: Yes Voltage Regulator Double Diodes(双稳压二极管) 7.5 V, 0.22 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236
|
NXP Semiconductors N.V. PHILIPS [Philips Semiconductors] PHILIPS[Philips Semiconductors]
|
FBR18WD06 FBR18WD03-P FBR18ND05-P |
MINIATURE RELAY (SURFACE MOUNT TYPE) 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING) POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.038A (COIL), 6VDC (COIL), 230mW (COIL), 2A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT MINIATURE RELAY (SURFACE MOUNT TYPE) 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
|
Fujitsu, Ltd. FUJITSU LTD
|
2952 |
Adapter - Standard Double Banana Jack To Miniature Double Banana Plug
|
Pomona Electronics
|
TMR4823 TMR TMR0510 TMR0511 TMR0512 TMR0521 TMR052 |
Slide Switch; Circuitry:DP3T; Contact Current Max:300mA; Contact Rating:300mA; Leaded Process Compatible:Yes; Mounting Type:PCB; Peak Reflow Compatible (260 C):Yes; Switch Features:Miniature Telecom Grade; Switch Function:DP3T DC/DC Converters - TMR Series, 2 Watt
|
TRACOPOWER[TRACO Electronic AG] TRACO ELECTRONIC AG.
|
13DE7 6DE7 |
MINIATURE DOUBLE TRIODE
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
RPI-352 A5800742 |
Sensors > Photointerrupters > Linear Phototransistor output Photointerrupter, double-layer mold type From old datasheet system Photointerrupter/ double-layer mold type
|
ROHM[Rohm] Rohm CO.,LTD.
|
H8550VBXXXB H8500VBBB-551W-B |
8500 Rocker Switches - Miniature 8500 Rocker Switches - Miniature 10A 250Vac Single & Double Pole
|
List of Unclassifed Manufac...
|
RPI-243 |
Photointerrupter/ double-layer mold type PHOTOINTERRUPTER, DOUBLE-LAYER MOLD TYPE Sensors > Photointerrupters > Linear Phototransistor output
|
Rohm CO.,LTD.
|
CM-1H8 |
Miniature High Level Double Balanced Mixer 5-500 MHz
|
SIRENZA[SIRENZA MICRODEVICES]
|
MMKP483 |
Double Metallized, lacquered, 7,5-27,5mm pitch AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Epoxy Lacquered Type
|
VISAY[Vishay Siliconix]
|