PART |
Description |
Maker |
325-5M-15 305-5M-15 1595-5M-15 575-5M-15 480-8M-20 |
RIEMEN SYNCHRON HTD L 325MM B 15MM RIEMEN SYNCHRON HTD L 305MM B 15MM RIEMEN SYNCHRON HTD L 575MM B 15MM Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits RIEMEN SYNCHRON HTD L 480MM B 30MM RIEMEN SYNCHRON HTD L 560MM B 200MM RIEMEN SYNCHRON HTD L 600MM B 200MM Dual/Triple-Voltage µP Supervisory Circuits RIEMEN SYNCHRON HTD L 640MM B 200MM Low-Power Dual-/Triple-Voltage SC70 µP Supervisory Circuits Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout RIEMEN SYNCHRON HTD L 720MM B 30MM 3-1/2 Digit A/D, BCD, -40C to 85C, 24-PDIP 600mil, TUBE RIEMEN SYNCHRON HTD L 880MM B 200MM RIEMEN SYNCHRON HTD L 960MM B 200MM RIEMEN SYNCHRON HTD L 960MM B 30MM RIEMEN SYNCHRON HTD L 1040MM B 200MM RIEMEN SYNCHRON HTD L 450MM B 15MM 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 2-Wire-Interfaced 8-Bit I/O Port Expander with Reset Ultra-Low-Power Voltage Detectors and µP Supervisory Circuits 1.2A Dual MOSFET Drvr, 0C to 70C, 8-PDIP, TUBE RIEMEN SYNCHRON HTD L 1100MM B 15MM RIEMEN SYNCHRON HTD L 980MM B 15MM RIEMEN SYNCHRON HTD L 1800MM B 15MM RIEMEN SYNCHRON HTD L 1120MM B 30MM RIEMEN SYNCHRON HTD L 1120MM B 200MM RIEMEN SYNCHRON HTD L 1200MM B 200MM RIEMEN SYNCHRON HTD L 1260MM B 200MM RIEMEN SYNCHRON HTD L 1600MM B 200MM RIEMEN SYNCHRON HTD L 1440MM B 200MM RIEMEN SYNCHRON HTD L 1440MM B 30MM RIEMEN SYNCHRON HTD L 1040MM B 30MM RIEMEN SYNCHRON HTD L 1420MM B 15MM RIEMEN SYNCHRON HTD L 1600MM B 30MM RIEMEN SYNCHRON HTD L 1270MM B 15MM RIEMEN SYNCHRON HTD L 1200MM B 30MM RIEMEN SYNCHRON HTD L 890MM B 15MM 里门的SYNCHRON HTD890MM15毫米 RIEMEN SYNCHRON HTD L 1595MM B 15MM 里门的SYNCHRON HTD595MM5毫米 RIEMEN SYNCHRON HTD L 560MM B 30MM 里门的SYNCHRON HTD560MM0毫米 RIEMEN SYNCHRON HTD L 880MM B 30MM 里门的SYNCHRON HTD80┨乙30毫米
|
TE Connectivity, Ltd. Amphenol, Corp. Rubycon, Corp.
|
CABS02 |
Taoglas Cable Assembly IPEX MH4(HSC comp) to SMA(F)Bulkhead Straight Connector with 200mm 0.81 cable
|
List of Unclassifed Manufacturers
|
9-485-13-10 1-100-12-1-3 1-100-10-1-3 1-110-10-1-3 |
FEILENHEFT 12ZOLL HANDFEILE BASTARD 300MM HANDFEILE BASTARD 250MM VIERKANTFEILE BASTARD 250MM DREIKANTFEILE BASTARD 250MM VIERKANTFEILE HALBSCHICHT 250MM HANDFEILE HALBSCHLICHT 150MM HANDFEILE HALBSCHLICHT 250MM DREIKANTFEILE HALBSCHICHT 150MM VIERKANTFEILE HALBSCHICHT 150MM HALBRUNDFEILE HALBSCHLICHT 150MM HALBRUNDFEILE BASTARD 250MM HALBRUNDFEILE HALBSCHLICHT 250MM DREIKANTFEILE HALBSCHICHT 250MM HANDFEILE HALBSCHLICHT 300MM VIERKANTFEILE HALBSCHICHT 200MM Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset DREIKANTFEILE HALBSCHICHT 200MM HANDFEILE HALBSCHLICHT 200MM HALBRUNDFEILE HALBSCHLICHT 200MM FEILENSET 3TLG 250MM DREIKANTFEILE BASTARD 300MM VIERKANTFEILE BASTARD 300MM HALBRUNDFEILE BASTARD 200MM FEILENSET 5TLG 250MM VIERKANTFEILE HALBSCHICHT 300MM DREIKANTFEILE HALBSCHICHT 300MM FEILENHEFT 6 BIS 8 FEILENHEFT 8 BIS 10 FEILENSET 5TLG 200MM FEILENSET 5TLG 200毫米 Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset FEILENSET 3TLG 200毫米 HANDFEILE BASTARD 200MM HANDFEILE私生00毫米
|
Bel Fuse, Inc. Toshiba, Corp. TE Connectivity, Ltd.
|
URDK10P8914/KS35A URDK10N8914/KS35A |
POSITION, LINEAR SENSOR-RETROREFLECTIVE, 0-200mm, 200mA, RECTANGULAR, BOARD MOUNT
|
|
15-06-0101 15-06-0180 15-06-0141 |
MiniFit BMI Rcpt/PanMnt V-0 10Ckt 10 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Connector Housing; No. of Contacts:18; Pitch Spacing:4.2mm; No. of Rows:2; Series:Mini-Fit BMI; Connector Body Material:Nylon; Contact Termination:Crimp 18 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Header Connector,Cable Mnt,PLUG,14 Contacts,SKT,0.165 Pitch,HOLE .164-.189
|
Molex, Inc. MOLEX INC
|
0009481134 |
3.96mm (.156) Pitch KK? PC Board Connector, Right Angle, Polyester Connector, 5.0μm (200μ) Tin (Sn), 13 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
M20-6103245 M20-6103205 M20-6102005 M20-6102045 |
PC104 CONNECTOR (STACK THROUGH) PC/104 Stackthrough Connector, 2.54mm Pitch DIL, gold, 32 32-way 64 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin Plc
|
0009623081 A-2145-AA08A-208 09-62-3081 |
3.96mm (.156) Pitch KK? PC Board Connector, Right Angle, Nylon Connector,0.38μm (15μ) Gold (Au) Selective, 8 Circuits 3.96mm (.156") Pitch KK庐 PC Board Connector, Right Angle, Nylon Connector,0.38渭m (15渭") Gold (Au) Selective, 8 Circuits 3.96mm (.156") Pitch KK垄莽 PC Board Connector, Right Angle, Nylon Connector,0.38楼矛m (15楼矛") Gold (Au) Selective, 8 Circuits
|
Molex Electronics Ltd.
|
0009623021 A-2145-AA02A-208 09-62-3021 |
3.96mm (.156) Pitch KK? PC Board Connector, Right Angle, Nylon Connector,0.38μm (15μ) Gold (Au) Selective, 2 Circuits 3.96mm (.156") Pitch KK庐 PC Board Connector, Right Angle, Nylon Connector,0.38渭m (15渭") Gold (Au) Selective, 2 Circuits 3.96mm (.156") Pitch KK垄莽 PC Board Connector, Right Angle, Nylon Connector,0.38楼矛m (15楼矛") Gold (Au) Selective, 2 Circuits
|
Molex Electronics Ltd.
|
0340620002 34062-0002 |
5.00mm (.197) Pitch MX150 Cable Sealed Female Connector, Single Row, 2Circuits, Polarization B, without Connector Position Assurance, Gray MOLEX Connector
|
Molex Electronics Ltd.
|
0009626134 A-2145-BA13L-102 |
3.96mm (.156) Pitch KK? PC Board Connector, Bottom Entry, Nylon Connector, 5.0μm (200μ) Tin (Sn), 13 Circuits 3.96mm (.156") Pitch KK垄莽 PC Board Connector, Bottom Entry, Nylon Connector, 5.0楼矛m (200楼矛") Tin (Sn), 13 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0026112093 AE-3215-HR9AC 3215HR09AC 26-11-2093 |
3.96mm (.156) Pitch KK? PC Board Connector, Top Entry, Nylon Connector, 1.0μm (40μ) Tin (Sn), 9 Circuits 3.96mm (.156") Pitch KK垄莽 PC Board Connector, Top Entry, Nylon Connector, 1.0楼矛m (40楼矛") Tin (Sn), 9 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
|