PART |
Description |
Maker |
189NQ150 189NQ 189NQ135 189NQ150R |
150V 180A Schottky DISCR. (R) Diode in a D-67 HALF-Pak package 150V 180A Schottky Discrete Diode in a D-67 HALF-Pak package 135V 180A Schottky Discrete Diode in a D-67 HALF-Pak package SCHOTTKY RECTIFIER
|
IRF[International Rectifier]
|
182NQ030 150CMQ035 150CMQ040 150CMQ045 182NQ030R |
Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits 30V80A肖特基DISCRR)的二极管在D - 67半白 30V 180A Schottky DISCR. (R) Diode in a D-67 HALF-Pak package 30V 180A Schottky Discrete Diode in a D-67 HALF-Pak package SCHOTTKY RECTIFIER
|
International Rectifier, Corp. IRF[International Rectifier] http://
|
129NQ150R 129NQ 129NQ135 129NQ135R 129NQ150 |
150V 120A Schottky DISCR. (R) Diode in a D-67 HALF-Pak package 150V 120A Schottky Discrete Diode in a D-67 HALF-Pak package 135V 120A Schottky DISCR. (R) Diode in a D-67 HALF-Pak package 135V 120A Schottky Discrete Diode in a D-67 HALF-Pak package SCHOTTKY RECTIFIER
|
IRF[International Rectifier]
|
SB20150CT |
Schottky Pack: TO-220AB SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 20.0A
|
Gulf Semiconductor
|
30LJQ150 |
SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES 30 Amp, 150V 30V 150A Hi-Rel Schottky Discrete Diode in a SMD-0.5 package
|
http:// IRF[International Rectifier]
|
STE180NE1007 STE180NE10 |
N-channel 100V - 4.5mΩ - 180A - ISOTOP STripFET Power MOSFET N-channel 100V - 4.5mヘ - 180A - ISOTOP STripFET⑩ Power MOSFET
|
STMicroelectronics
|
IRFB23N15D IRFSL23N15D |
Power MOSFET(Vdss=150V/ Rds(on)max=0.090ohm/ Id=23A) 150V,23A,SMPS MOSFET for High frequency DC-DC converters(150V,23A,开关电MOS场效应管,用于高DC-DC变换 50V3A条,开关电源的MOSFET的高频率DC - DC转换器(50V3A条,开关电源马鞍山场效应管,用于高频的DC - DC变换器)
|
International Rectifier, Corp.
|
IRF5Y3315CM |
150V Single N-Channel Hi-Rel MOSFET in a TO-257AA package THRU-HOLE (TO-257AA) 150V, N-CHANNEL POWER MOSFET N-CHANNEL(Vdss=150V, Rds(on)=0.085ohm, Id=18A*)
|
IRF[International Rectifier]
|
12CLQ150 |
The 12CLQ150 center tap Schottky rectifier has been expressly designed to meet the rigorous requirements of hi-rel environments. 2CLQ150中心抽头肖特基整流器已明确,旨在满足高新技术的严格要求- REL的环境 35A 150V Hi-Rel Schottky Common Cathode Diode in a SMD-1 package
|
International Rectifier, Corp. IRF[International Rectifier]
|