PART |
Description |
Maker |
CMOSH2-4L |
SURFACE MOUNT HIGH CURRENT, LOW VF SILICON SCHOTTKY DIODE 0.2 A, 40 V, SILICON, SIGNAL DIODE SMD Schottky Diode Single: Low VF
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
BAS70 BAS4 BAS40 BAS70-05 BSA40 BAS70-04 BAS70-06 |
RESISTOR,SMD1206,160K,1/4W,5% Schottky Rectifier SCHOTTKY arraySERIES 0.2 A, 70 V, SILICON, SIGNAL DIODE SCHOTTKY array⑩ SERIES SCHOTTKY ARRAY⒙ SERIES SCHOTTKY array SERIES SCHOTTKY array?/a> SERIES Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:50VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:16000uF RoHS Compliant: Yes CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 50 A rms nominal, ±150 A range SCHOTTKYarray SERIES 0.2 A, 40 V, 2 ELEMENT, SILICON, SIGNAL DIODE SILICON, MIXER DIODE
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation] MICROSEMI CORP-LAWRENCE
|
ZHCS350TC ZHCS350 ZHCS350TA |
High Current Schottky Diode From old datasheet system AM29LV081B-120EC 8MBIT FLASH SOD523 40V LOW VF SCHOTTKY BARRIER DIODE 0.51 A, SILICON, SIGNAL DIODE
|
Diodes Incorporated ZETEX[Zetex Semiconductors] Zetex Semiconductor PLC
|
NSR0530P2T5G |
Schottky Barrier Diode 30V 0.5A low VF SOD-923 Schottky Diode 0.5 A, 30 V, SILICON, SIGNAL DIODE
|
Rectron Semiconductor
|
SR02150 SR0220 SR02100-HF-T SR02200-HF-F SR0220-HF |
LOW Vf SCHOTTKY BARRIER RECTIFIER 0.2 A, 100 V, SILICON, SIGNAL DIODE, DO-41 0.2 A, 200 V, SILICON, SIGNAL DIODE, DO-41 0.2 A, 20 V, SILICON, SIGNAL DIODE, DO-41 0.2 A, 150 V, SILICON, SIGNAL DIODE, DO-41
|
Rectron Semiconductor RECTRON LTD
|
BAT240A |
Silicon Schottky Diode (Rectifier Schottky diode for modem applications High reverse voltage For power supply)
|
SIEMENS A G SIMENS Siemens Semiconductor Group
|
ZHCS1000 ZHCS1000TA |
High Current Schottky Diode SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ”SuperBAT” SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE B>SuperBAT DIODE SCHOTTKY SOT-23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE SuperBAT 1 A, SILICON, SIGNAL DIODE SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ”SuperBAT?/a>
|
ZETEX[Zetex Semiconductors] Zetex Semiconductor PLC Diodes Incorporated
|
HSCH-3486 HSCH3486 |
ZERO BIAS SCHOTTKY DIODE SILICON, ZERO BARRIER SCHOTTKY, X BAND, MIXER DIODE From old datasheet system
|
Advanced Semiconductor ASI
|
BAT60A Q62702-A1188 |
Silicon Schottky Diode (Rectifier Schottky diode with extreme low VF drop for mobile communication For power supply 硅肖特基二极管(肖特基二极管整流极端VF为移动通信电源供应下降 From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
BAT54SWT1G BAT54CWT1G |
Schottky Barrier diode Schottky Diodes 0.2 A, 30 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
CMSSH-3E CMSSH-3SE CMSSH-3AE CMSSH-3CE |
SMD Schottky Diode Dual: High Current: Common Anode SMD Schottky Diode Dual: High Current: Common Cathode SMD Schottky Diode Dual: High Current: In Series SMD Schottky Diode Single: High Current ENHANCED SPECIFICATION SURFACE MOUNT, SUPERmini SILICON SCHOTTKY DIODES
|
CENTRAL[Central Semiconductor Corp]
|