PART |
Description |
Maker |
GMR30H150CTPF3T GMR30H150C GMR30H150CTA3R GMR30H15 |
HIGH VOLTAGE POWER SCHOTTKY RECTIFIE
|
GAMMA[Gamma Microelectronics Inc.]
|
U1GWJ2C49 |
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE SWITCHING MODE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
TCMBR20100CT TCMBR20150CT TCMBR20200CT |
20A SCHOTTKY BARRIER DIODE Dual High Voltage Schottky Rectifier
|
Tak Cheong Electronics (Holdings) Co.,Ltd
|
MBR20200CT MBR20100CT |
20A SCHOTTKY BARRIER DIODE Dual High Voltage Schottky Rectifier
|
Tak Cheong Electronics (Holdings) Co.,Ltd
|
SB60-600 SB60-100 SB60-60 |
DUAL SCHOTTKY BARRIER RECTIFIER IN A TO-258 HERMETICALLY SEALED PACKAGE FOR HI.REL APPLICATIONS 双肖特基整流采用TO - 258密封的HI.REL应用工具 Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:22-55 DUAL SCHOTTKY BARRIER RECTIFIER IN A TO-258 HERMETICALLY SEALED PACKAGE FOR HI-REL APPLICATIONS
|
TT electronics Semelab, Ltd. TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
U2JC44 U2BC44 U2GC44 |
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE GENERAL PURPOSE RECTIFIER APPLICATIONS TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
BAT750 BAT75008 BAT750TA |
Discrete - Rectifiers (0.5A and higher) - Schottky / SBR Rectifiers 0.75A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER SOT23 Schottky barrier diode
|
Diodes Incorporated Zetex Semiconductors
|
BAT54CW BAT54SW BAT54AW BAT54W BAT54CWT/R BAT54WSE |
Schottky barrier (double) diodes - Cd max.: 10@VR=1V pF; Configuration: dual c.c. ; IF max: 200 mA; IFSM max: 600 A; IR max: 2@VR=25VA; VFmax: 400@IF=10mA mV; VR max: 30 V Schottky barrier double diodes
|
NXP Semiconductors / Philips Semiconductors PHILIPS[Philips Semiconductors]
|
PDS1240CTL PDS1240CTL-13 PDS1240CTL-7 |
12A DUAL LOW VF SCHOTTKY BARRIER RECTIFIER POWERDI Discrete - Rectifiers (0.5A and higher) - Schottky / SBR Rectifiers
|
Diodes Incorporated
|
CDBK0530-HF12 CDBK0530-HF |
Halogen Free Schottky Barrier Diodes, V-RRM=30V, V-R=20V, I-O=0.5A SMD Schottky Barrier Diode
|
Comchip Technology
|
CDBER0130R-HF CDBER130R-HF |
Halogen Free Schottky Barrier Diodes, V-RRM=35V, V-R=30V, I-O=0.1A SMD Schottky Barrier Diode
|
Comchip Technology
|