PART |
Description |
Maker |
PI3B16210VE PI3B16210A PI3B16210BE PI3B16210AE PI3 |
3.3V, 20-Bit, 2-Port NanoSwitch 3.3伏,20位,2端口NanoSwitch 3.3V/ Hot Insertion 20-Bit/ 2-Port BusSwitch 3.3V/ 20-Bit/ 2-Port NanoSwitch
|
Pericom Semiconductor, Corp. Pericom Semiconductor Corp. Pericom Technology
|
PI3B16210 PI3B16210A PI3B16210B PI3B16210V PI3B162 |
3.3V, 20-Bit, 2-Port NanoSwitch? 3.3V, Hot Insertion 20-Bit, 2-Port BusSwitch
|
Pericom Semiconductor C...
|
PCA9558 PCA9558PW PCA9558_2 |
8-bit I 2 C and SMBus I/O port with 5-bit From old datasheet system 8-bit I2C and SMBus I/O port with 5-bit multiplexed/1-bit latched 6-bit I2C EEPROM and 2 k bit EEPROM
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
M8212 |
8-BIT I/O PORT 8-BIT INPUT/OUTPUT PORT
|
INTEL[Intel Corporation]
|
74FR900SSC 74FR900 74FR900SSCX |
9-Bit 3-Port Latchable Datapath Multiplexer 9-Bit / 3-Port Latchable Datapath Multiplexer 9-Bit, 3-Port Latchable Datapath Multiplexer From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
GTLP10B320 GTLP10B320MTD GTLP10B320MTDXNL GTLP10B3 |
10-Bit LVTTL/GTLP Transceiver with Split LVTTL Port and Feedback Path From old datasheet system TERM BLOCK 10.16MM VERT 3POS PCB 10位LVTTL / GTLP与斯普利特LVTTL港口和反馈路径收发器 10-Bit LVTTL/GTLP Transceiver with Split LVTTL Port and Feedback Path GTLP SERIES, 10-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
KSZ8851-16MLL KSZ8851-16MLLI |
Single-Port Ethernet MAC Controller with 8-Bit or 16-Bit Non-PCI Interface
|
Micrel Semiconductor
|
KSZ8851-16 KSZ8851-16MQL KSZ8851-32MQLI |
Single-Port Ethernet MAC Controller with 8/16-Bit or 32-Bit Non-PCI Interface
|
Micrel Semiconductor
|
74VCX162601 74VCX162601MTD |
Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Series Resistors in the B-Port Outputs 低电8位通用总线收发器,.6V耐压输入和输出和26ヘ系列电阻在B端口输出 Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the B-Port Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in the B-Port Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26ヘ Series Resistors in the B-Port Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26-Ohm Series Resistors in the B-Port Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|