PART |
Description |
Maker |
MAX783CBX MAX783/EVKIT MAX783SEBX-T MAX783EBX-T |
Modular Connector; No. of Contacts:8; No. of Ports:1; LAN Category:5; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes SWITCHLOCK DPDT 90DEG SOLDER 4A 三输出电源控制器,用于笔记本电脑 Triple-Output Power Supply Controller for Notebook Computers Triple-Output Power-Supply Controller for Notebook Computers
|
稳压 Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
8230-90-RC 8230-94-RC 8230-78-RC 8230-76-RC 8230-5 |
Inductor; Series:8230; Inductance:820uH; Inductance Tolerance: /- 10 %; Q Factor:30; Self Resonant Frequency:3.8MHz; Core Material:Ferrite; Leaded Process Compatible:Yes 1 ELEMENT, 820 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Inductor; Series:8230; Inductance:100nH; Inductance Tolerance: /- 10 %; Q Factor:40; Self Resonant Frequency:690MHz; Core Material:Phenolic; Leaded Process Compatible:Yes 1 ELEMENT, 0.1 uH, PHENOLIC-CORE, GENERAL PURPOSE INDUCTOR Inductor; Series:8230; Inductance:270uH; Inductance Tolerance: /- 10 %; Q Factor:30; Self Resonant Frequency:8MHz; Core Material:Ferrite; Leaded Process Compatible:Yes 1 ELEMENT, 270 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Inductor; Series:8230; Inductance:220uH; Inductance Tolerance: /- 10 %; Q Factor:30; Self Resonant Frequency:9MHz; Core Material:Ferrite; Leaded Process Compatible:Yes 1 ELEMENT, 220 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Inductor; Series:8230; Inductance:39uH; Inductance Tolerance: /- 10 %; Q Factor:45; Self Resonant Frequency:22MHz; Core Material:Ferrite; Leaded Process Compatible:Yes 1 ELEMENT, 39 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Inductor; Series:8230; Inductance:15uH; Inductance Tolerance: /- 10 %; Q Factor:45; Self Resonant Frequency:35MHz; Core Material:Iron; Leaded Process Compatible:Yes 1 ELEMENT, 15 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Inductor; Series:8230; Inductance:18uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:32MHz; Core Material:Iron; Leaded Process Compatible:Yes 1 ELEMENT, 18 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Inductor; Series:8230; Inductance:27uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:22MHz; Core Material:Iron; Leaded Process Compatible:Yes 1 ELEMENT, 27 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Inductor; Series:8230; Inductance:2.7uH; Inductance Tolerance: /- 10 %; Q Factor:37; Self Resonant Frequency:100MHz; Core Material:Iron; Leaded Process Compatible:Yes 1 ELEMENT, 2.7 uH, IRON-CORE, GENERAL PURPOSE INDUCTOR Inductor; Series:8230; Inductance:560nH; Inductance Tolerance: /- 10 %; Q Factor:30; Self Resonant Frequency:300MHz; Core Material:Phenolic; Leaded Process Compatible:Yes 1 ELEMENT, 0.56 uH, PHENOLIC-CORE, GENERAL PURPOSE INDUCTOR Inductor; Series:8230; Inductance:6.8uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:60MHz; Core Material:Iron; Leaded Process Compatible:Yes 1 ELEMENT, 6.8 uH, IRON-CORE, GENERAL PURPOSE INDUCTOR Inductor; Series:8230; Inductance:1.5uH; Inductance Tolerance: /- 10 %; Q Factor:28; Self Resonant Frequency:140MHz; Core Material:Iron; Leaded Process Compatible:Yes Inductor; Series:8230; Inductance:4.7uH; Inductance Tolerance: /- 10 %; Q Factor:45; Self Resonant Frequency:75MHz; Core Material:Iron; Leaded Process Compatible:Yes Inductor; Series:8230; Inductance:3.3uH; Inductance Tolerance: /- 10 %; Q Factor:45; Self Resonant Frequency:90MHz; Core Material:Iron; Leaded Process Compatible:Yes
|
Bourns, Inc. BOURNS INC
|
PHA3135-130M |
Computers; Leaded Process Compatible:Yes RoHS Compliant: Yes RadarPulsedPowerModule15,,13014500msPulse 3.1 - 3.5吉赫 RadarPulsedPowerModule/ 115/ 130/145W/100msPulse 3.1 - 3.5 GHz RadarPulsedPowerModule 115 130145W100msPulse 3.1 - 3.5 GHz RadarPulsedPowerModule, 115, 130,145W,100msPulse 3.1 - 3.5 GHz
|
MACOM[Tyco Electronics]
|
1120-222K-RC 1120-1R2M-RC 1120-680K-RC 1120-681K-R |
RF Choke; Series:1120; Inductance:2.2mH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:800mA; DC Resistance Max:1.54ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:1.2uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:11.4A; DC Resistance Max:0.003ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:68uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:4.8A; DC Resistance Max:0.053ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:680uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:1.6A; DC Resistance Max:0.430ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:1.8uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:11.4A; DC Resistance Max:0.003ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:330uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:1.6A; DC Resistance Max:0.305ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:470uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:1.6A; DC Resistance Max:0.355ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:1.5mH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:800mA; DC Resistance Max:1.26ohm; Leaded Process Compatible:Yes; Body Material:Ferrite Very high current capacity
|
BOURNS INC Bourns Electronic Solut...
|
SST89C54-33-AC-NJ SST89C58-33-AC-NJ SST89C54-33-AI |
Voltage Regulator IC; Output Current:150mA; Output Voltage:3.3V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:3.3V Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:5V; Peak Reflow Compatible (260 C):No Replaced by PT78ST133 : 3.3Vout 1.5A Wide Input Positive Step-Down ISR 3-SIP MODULE -40 to 85 Voltage Regulator IC; Output Current:150mA; Output Voltage:2.6V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:2.6V Linear Voltage Regulator IC; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:5V; Peak Reflow Compatible (260 C):No; Reel Quantity:3000; Voltage Regulator Type:Low Dropout (LDO) RoHS Compliant: No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:2.85V; Peak Reflow Compatible (260 C):No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:3V; Peak Reflow Compatible (260 C):No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:1.8V; Peak Reflow Compatible (260 C):No Voltage Regulator IC; Output Current:500mA; Output Voltage:1.215V; Package/Case:8-MLP33; Supply Voltage Max:6V; Current Rating:500mA; Leaded Process Compatible:No; Output Current Max:500mA; Output Voltage Max:1.215V FlashFlex51 MCU FlashFlex51单片
|
Silicon Storage Technology, Inc. SILICON STORAGE TECHNOLOGY INC
|
IDT74FCT825BTSOB IDT74FCT825BTSO IDT74FCT825BTQB I |
Tantalum Electrolytic Capacitor; Capacitance:0.33uF; Capacitance Tolerance: /- 20 %; Working Voltage, DC:60V; Package/Case:A; Terminal Type:Axial Leaded; ESR:15ohm; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes Tantalum Electrolytic Capacitor; Capacitance:0.33uF; Capacitance Tolerance: /- 20 %; Working Voltage, DC:125V; Package/Case:A; Terminal Type:Axial Leaded; ESR:14ohm; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes Tantalum Electrolytic Capacitor; Capacitance:0.33uF; Capacitance Tolerance: /- 10 %; Working Voltage, DC:125V; Package/Case:A; Terminal Type:Axial Leaded; ESR:14ohm; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes Tantalum Electrolytic Capacitor; Capacitance:0.33uF; Capacitance Tolerance: /- 20 %; Working Voltage, DC:50V; Package/Case:A; Terminal Type:Axial Leaded; ESR:15ohm; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes CAP 0.82UF 50V 10% X7R SMD-1210 TR-7-PL SN-NIBAR CAP 0.1UF 50V 10% X7R SMD-1805 TR-7-PL SN-NIBAR HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS FCT SERIES, 9-BIT DRIVER, TRUE OUTPUT, CDFP24
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Techn...
|
LT011 LT011PS |
Microprocessor Crystal; Frequency:24MHz; Frequency Tolerance:20ppm; Load Capacitance:18pF; Crystal Terminals:Radial Leaded; ESR:25ohm; Leaded Process LT011PS
|
Sharp Corporation Sharp Electrionic Components
|
597-3111-402F 597-3311-407F |
LED Lamp; LED Color:Red; Luminous Intensity:17ucd; Viewing Angle:70 ; Forward Current:20mA; Forward Voltage:1.7V; Operating Temperature Range:-30 C to 85 C; Color:Red; Leaded Process Compatible:Yes RoHS Compliant: Yes SINGLE COLOR LED, RED, 2 mm ; Color:Green; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes SINGLE COLOR LED, GREEN, 2 mm
|
Dialight PLC
|
ISPPAC-CLK5610V-01T48C ISPPAC-CLK5610V-01T48I ISPP |
LED Area Light; LED Color:Green; Leaded Process Compatible:No; Light Emitting Area:62x62mm; Peak Reflow Compatible (260 C):No; Supply Current:200mA; Supply Voltage:24VDC; Wavelength:525nm 在系统可编程,零延迟时钟发生器通用扇出缓冲 Spot Light; LED Color:Blue; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Supply Current:160mA; Supply Voltage:30VDC; Wavelength:470nm 5600 SERIES, PLL BASED CLOCK DRIVER, 10 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP48 Linear Array Light; LED Color:Blue; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Supply Current:1.6A; Supply Voltage:24VDC; Wavelength:470nm 在系统可编程,零延迟时钟发生器通用扇出缓冲 In-System Programmable, Zero-Delay Clock Generator with Universal Fan-Out Buffer 在系统可编程,零延迟时钟发生器通用扇出缓冲 LED Area Light; LED Color:Blue; Leaded Process Compatible:No; Light Emitting Area:80x80mm; Peak Reflow Compatible (260 C):No; Supply Current:250mA; Supply Voltage:24VDC; Wavelength:470nm Backlight LED; Color:Infrared; Digit/Alpha Height:70mm; Forward Current:250mA; Operating Temperature Range:0 C to 50 C; Leaded Process Compatible:No; Light Emitting Area:70x70mm; Peak Reflow Compatible (260 C):No Spot Light; LED Color:Green; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Supply Current:160mA; Supply Voltage:30VDC; Wavelength:530nm Backlight LED; Color:Red; Digit/Alpha Height:70mm; Forward Current:250mA; Operating Temperature Range:0 C to 50 C; Leaded Process Compatible:No; Light Emitting Area:70x70mm; Peak Reflow Compatible (260 C):No; Supply Current:250mA LED On-Axis Light; LED Color:Green; Leaded Process Compatible:No; Light Emitting Area:100x100mm; Peak Reflow Compatible (260 C):No; Supply Current:500mA; Supply Voltage:24VDC; Wavelength:520nm LED Area Light; Forward Current:300mA; Operating Temperature Range:0 C to 50 C; LED Color:Infrared; Leaded Process Compatible:No; Light Emitting Area:80x80mm; Peak Reflow Compatible (260 C):No; Supply Current:250mA Backlight LED; Color:Red; Digit/Alpha Height:85mm; Forward Current:500mA; Operating Temperature Range:0 C to 50 C; Leaded Process Compatible:No; Light Emitting Area:85x220mm; Peak Reflow Compatible (260 C):No Linear Array Light; LED Color:Green; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Supply Current:800mA; Supply Voltage:24VDC; Wavelength:530nm LED Area Light; LED Color:Green; Leaded Process Compatible:No; Light Emitting Area:80x80mm; Peak Reflow Compatible (260 C):No; Supply Current:250mA; Supply Voltage:24VDC; Wavelength:525nm
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation
|
507-4538-1431-630 249-7866-0937-514 249-7866-0935- |
Indicator Lamp; Supply Voltage:125VAC; Color:Red; Current Rating:0.7mA; Mounting Hole Dia:9.5mm; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No Indicator Lamp; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No SINGLE COLOR LED NEON PANEL MOUNT INDICATORS, Cylindrical Red
|
Dialight PLC Dialight Corporation Dialight Corp.
|