PART |
Description |
Maker |
NAS1581-6 NAS1581-10 NAS1581-3 NAS1581-4 NAS1581-5 |
100 DEG FRUSH REDUCED HEAD BOLT
|
List of Unclassifed Manufacturers ETC[ETC]
|
151-4409 151-4422 151-4425 151-4411 151-4414 151-4 |
Pan Head, Cross Head Metric Screws
|
List of Unclassifed Manufacturers
|
SI6821DQ |
P-Ch, Reduced Qg, Fast Switching MOSFET Schottky Diode From old datasheet system P-Channel Reduced Qg / MOSFET with Schottky Diode P-Channel, Reduced Qg, MOSFET with Schottky Diode P沟道,减Qg和与MOSFET的肖特基二极
|
Vishay Siliconix Vishay Intertechnology, Inc.
|
PJ-A2C00SERIES |
Precision, 100µA Gain Selectable Amplifier; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C 晶体时钟振荡
|
HIROSE ELECTRIC Co., Ltd.
|
PJ-A3670SERIES |
Precision, 100µA Gain Selectable Amplifier; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C 晶体时钟振荡
|
Electronic Theatre Controls, Inc.
|
EFS31-T5 EFS31-TL5 EFS3A-CD EFS11-TL5 EFS1A-CD |
Real-Time Clock/Calendar with I2C Bus and EEPROM; Temperature Range: -40°C to 85°C; Package: 8-TSSOP High Frequency Half Bridge Driver; Temperature Range: -55°C to 125°C; Package: 16-FlatPack Lamp Starter 灯起
|
Omron Electronics LLC Industrial Automation
|
AM26LS32CN AM26LS33AMJB AM26LS32CD-T AM26LS32MN |
Negative Voltage Hot Swap Controller; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps; Package: SO; No of Pins: 14; Temperature Range: -40°C to 85°C 1.2MHz, 0.4V/us Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps; Package: SO; No of Pins: 14; Temperature Range: -40°C to 85°C Line Receiver 线路接收
|
ON Semiconductor
|
PEEL18CV8C-30 PEEL18CV8P-30 PEEL18CV8J30 PEEL18CV8 |
Precision Reference; Package: METAL CAN; No of Pins: 8; Temperature Range: -55° to 125°C Low Noise, High Speed Precision Operational Amplifiers; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C ASIC 专用集成电路 5V Bandgap Reference; Package: TO-92; No of Pins: 3; Temperature Range: 0°C to 70°C 电可擦除可编程逻辑器件
|
Amphenol, Corp. Rochester Electronics, LLC
|
AM27C64-70LEB AM27C64-120LEB AM27C64-70/BXA AM27C6 |
Standalone Linear Li-Ion Battery Chargers with Thermal Regulation in DFN; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 125°C Standalone Li-Ion Switch Mode Battery Charger; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C Coulomb Counter/Battery Gas Gauge; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C Hot Swap Controller in 6-Lead SOT-23 Package; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 85°C 4A, High Efficiency, Standalone Li-Ion Battery Charger; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 125°C x8 EPROM x8存储
|
Ironwood Electronics
|
AM26LS32DCB AM26LS32JCTR AM26LS32/BEA AM26LS33/B2C |
Micropower Precision Shunt Voltage Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Wide Input Range, High Efficiency, Step-Down Switching Regulator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Low Noise, Rail-to-Rail Precision Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Positive High Voltage Hot Swap Controllers; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Line Receiver 线路接收
|
接收 Advanced Micro Devices, Inc.
|
16CV8-25 16CV8P-25 16CV8J-25 16CV8S-25 PEELTM16CV8 |
Low Noise Very High Speed Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 140MHz Video Current Feedback Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C CMOS Programmable Electrically Erasable Logic Device
|
ETC List of Unclassifed Manufacturers http://
|