PART |
Description |
Maker |
HDSP-5523-GG000 HDSP-5523-GH000 HDSP-K121-DE000 HD |
HDSP-5523-GG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5523-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-K121-DE000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5501-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5601-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5503-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5703-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5507-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5607-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5507-GG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5508-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-K123-DE000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5623-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5521-GG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5521-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5721-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5503-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5603-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5501-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5701-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5501-GG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5507-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5503-GG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5621-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-H153-KL000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-H151-KL000 · 14.2 mm (0.56 inch) Seven Segment Displays
|
Agilent (Hewlett-Packard)
|
HDSP-F201-00000 HDSP-F201-00016 HDSP-F2000016 HDSP |
7 SEG NUMERIC DISPLAY, RED, 10 mm 7 SEG NUMERIC DISPLAY, YELLOW, 10 mm 7 SEG NUMERIC DISPLAY, ORANGE, 10 mm 10 mm (0.40 inch) Seven Segment Displays 10毫米.40英寸),七段显示 10 mm (0.40 inch) Seven Segment Displays 10毫米0.40英寸),七段显示 TERM. F/O CABLE SC-SC/ DPLX/RISER/10M/ORANGE Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs; Package: QSOP; No of Pins: 20; Container: Rail Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs; Package: QSOP; No of Pins: 20; Container: Tape & Reel MTP-LC (12) FANOUT ASSY MM, 3 M MTP-LC (12) FANOUT ASSY MM, 5 M HDSP-G301 · 10 mm (0.4 inch) Seven Segment Displays HDSP-G303 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F151-MN000 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F201-DE000 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F301-DE000 · 10 mm (0.4 inch) Seven Segment Displays HDSP-G201-DE000 · 10 mm (0.4 inch) Seven Segment Displays HDSP-G201-EF000 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F203-DE000 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F303-DE000 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F503-JK000 · 10 mm (0.4 inch) Seven Segment Displays HDSP-G503-JK000 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F157 · 10 mm (0.4 inch) Overflow Character Displays HDSP-F207-DE000 · 10 mm (0.4 inch) Overflow Character Displays HDSP-F401 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F403 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F407 · 10 mm (0.4 inch) Overflow Character Displays HDSP-F408 · 10 mm (0.4 inch) Overflow Character Displays HDSP-F501 · 10 mm (0.4 inch) Seven Segment Displays HDSP-G203 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F201 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F507 · 10 mm (0.4 inch) Overflow Character Displays HDSP-F203 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F207 · 10 mm (0.4 inch) Overflow Character Displays HDSP-F208 · 10 mm (0.4 inch) Overflow Character Displays HDSP-F508 · 10 mm (0.4 inch) Overflow Character Displays HDSP-F301 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F303 · 10 mm (0.4 inch) Seven Segment Displays HDSP-G401 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F307 · 10 mm (0.4 inch) Overflow Character Displays HDSP-F308 · 10 mm (0.4 inch) Overflow Character Displays HDSP-F501-JK000 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F503 · 10 mm (0.4 inch) Seven Segment Displays HDSP-G201 · 10 mm (0.4 inch) Seven Segment Displays HDSP-G403 · 10 mm (0.4 inch) Seven Segment Displays HDSP-G501 · 10 mm (0.4 inch) Seven Segment Displays HDSP-G503 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F158 · 10 mm (0.4 inch) Overflow Character Displays HDSP-F153 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F151 · 10 mm (0.4 inch) Seven Segment Displays HDSP-G153 · 10 mm (0.4 inch) Seven Segment Displays
|
AGILENT TECHNOLOGIES INC Avago Technologies, Ltd. Fujitsu, Ltd. Electronic Theatre Controls, Inc. Toshiba, Corp. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
5082-7666 5082-7623 5082-7651 5082-7651-DD000 5082 |
5082-7666 · 10.9 mm (0.43 inch) Overflow Character Displays 5082-7623 · 7.6 mm (0.3 inch) Seven Segment Displays 5082-7651 · 10.9 mm (0.43 inch) Seven Segment Displays 5082-7651-DD000 · 10.9 mm (0.43 inch) Seven Segment Displays 5082-7651-DE000 · 10.9 mm (0.43 inch) Seven Segment Displays 5082-7656-DE000 · 10.9 mm (0.43 inch) Overflow Character Displays 5082-7656 · 10.9 mm (0.43 inch) Overflow Character Displays 5082-7620 · 7.6 mm (0.3 inch) Seven Segment Displays 5082-7610-DD000 · 7.6 mm (0.3 inch) Seven Segment Displays
|
Agilent (Hewlett-Packard)
|
HDSP-A511-JK000 HDSP-H511-GH000 HDSP-F511-IJ000 HD |
7.6 mm(0.3 inch) Micro Bright Seven Segment Displays 40PC Series, Gage; Amplified; Range: 0 psi to 30.0 psi 十四点二毫米0.56英寸),七段显示 10 mm (0.4 inch) Seven Segment Displays 10毫米0.4英寸),七段显示 14.2 mm (0.56 inch) Seven Segment Displays 十四点二毫米0.56英寸),七段显示 ASDX Series, amplified, gage, 0 psi to 15 psi operating pressure, "G2" DIP package, straight port 十四点二毫米.56英寸),七段显示
|
Ecliptek, Corp. Toshiba, Corp. Cree, Inc.
|
LTS-3406LG LTS3406LG -LTS3406LG |
The LTS-3406LG is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3406LG is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY ALUMINUM ELECTROLYTIC CAPACITOR; CAPACITANCE:10UF; CAPACITANCE TOLERANCE: /- 20
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司
|
HDSP-5537 HDSP-5538 |
HDSP-5537 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5538 · 14.2 mm (0.56 inch) Seven Segment Displays
|
Agilent (Hewlett-Packard)
|
LTS-3401LY LTS3401LY |
The LTS-3401LY is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3401LY is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司
|
LTS-3401LE LTS3401LE |
The LTS-3401LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3401LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司
|
GS74108J-15 GS74108TP-8I GS74108J-8I GS74108TP-15 |
512K x 8 4Mb Asynchronous SRAM 12k × 8 4Mb的异步SRAM 512K X 8 STANDARD SRAM, 8 ns, PDSO36 0.400 INCH, SOJ-36 512K X 8 STANDARD SRAM, 8 ns, PDSO44 0.400 INCH, TSOP2-44
|
GSI Technology, Inc. Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
HDSP-4606 |
7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
|
AVAGO TECHNOLOGIES LIMI...
|
HPB5082-761X HPB5082-766X HPB5082-775X HPB5082-776 |
7.6 MM (0.3 INCH)/10.9 MM (0.43 INCH) SEVEN SEGMENT DISPLAYS
|
Agilent(Hewlett-Packard)
|
K4H1G0438M-UC/LA2 K4H1G0838M-UC/LA2 K4H1G0838M-UC/ |
128M X 8 DDR DRAM, 0.75 ns, PDSO66 0.400 X 0.875 INCH, 0.65 MM PITCH, LEAD FREE, TSOP2-66 256M X 4 DDR DRAM, 0.75 ns, PDSO66 0.400 X 0.875 INCH, 0.65 MM PITCH, LEAD FREE, TSOP2-66 256M X 4 DDR DRAM, 0.7 ns, PDSO66 0.400 X 0.875 INCH, 0.65 MM PITCH, LEAD FREE, TSOP2-66 0603 18 OHM 1/16W RESISTOR, 1K, 1%, SMT 0603 1Gb M-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD.
|