PART |
Description |
Maker |
ADM485ARZ ADM485AR-REEL ADM485ANZ1 ADM485JR ADM485 |
Meets EIA RS-485 standard 5 V Low Power EIA RS-485 Transceiver LINE TRANSCEIVER, PDSO8
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AFL12005DZ/HB AFL12015DW/HB AFL12005DX/HB AFL12005 |
3.3V Low Power EIA/TIA-562 3-Driver/5-Receiver Transceiver; Package: SO; No of Pins: 28; Temperature Range: 0°C to 70°C 3.3V Low Power EIA/TIA-562 3-Driver/5-Receiver Transceiver; Package: PDIP; No of Pins: 28; Temperature Range: 0°C to 70°C 3.3V Low Power EIA/TIA-562 3-Driver/5-Receiver Transceiver; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C 3.3V Low Power EIA/TIA-562 3-Driver/5-Receiver Transceiver; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C DC to DC Converter DC至DC转换 DC to DC Converter DCDC转换 Hi-Rel DC-DC Standard Dual Converter in a AFL package 高可靠性的DC - DC标准在冬季两项包双转换器
|
International Rectifier, Corp. Toshiba, Corp. TE Connectivity, Ltd.
|
KIINM485SLC |
Low Power Isolated EIA-485 Driver and Receiver
|
Murata Manufacturing Co., Ltd.
|
ADM489A |
5 V, Slew-Rate Limited, Low Power, 250 kbps, Full Duplex EIA RS-485 Transceiver (with DE/RE)
|
Analog Devices
|
MC3488A MC3488AD MC3488AP1 ON1123 |
From old datasheet system DUAL EIA-423/EIA-232D DRIVER
|
ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc]
|
9841 9841-060100 9841-0601000 |
Low Capacitance EIA RS-485
|
List of Unclassifed Manufacturers
|
NESG2031M05-T1 NESG2031M05 |
NECs NPN SiGe HIGH FREQUENCY TRAN SIS TOR 邻舍npn型硅锗高频陈德良SIS的职权范 From old datasheet system
|
NEC, Corp. NEC Corp. NEC[NEC]
|
2N6576 2N6578 2N6577 |
15 AMPERE NPN DARLINGTON POWER TRAN 15-Ampere NPN Darlington Power Transistors
|
GE Security, Inc. GE[General Semiconductor] List of Unclassifed Manufacturers
|
28C64AX-20/K 28C64AX-25/K 28C64AX-15I/K 28C64AX-15 |
Evaluation Kit for the MAX5883, MAX5884, MAX5885 Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC 128Kx8 EEPROM 16-Bit DACs with 16-Channel Sample-and-Hold Outputs Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs 12-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs 12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface 3.3V Transceiver with Two EIA TIA 562 Receivers Active in Shutdown x8的EEPROM
|
Microchip Technology, Inc.
|
MCRF355 MCRF360 |
The MCRF355 is a uniquely designed read-only passive Radio Frequency Identification (RFID) IC device with advanced anticollision features optimized at 13.56 MHz. The device is powered remotely by rectifying RF magnetic fields that are tran The MCRF360 is a uniquely designed read-only passive Radio Frequency Identification (RFID) IC device with advanced anticollision features operating at 13.56 MHz. The device is powered remotely by rectifying RF magnetic fields that are tran
|
Microchip
|
ADM3491 ADM3491AR ADM3491AN ADM3491ARU |
3.3 V/ Full Duplex/ 840 uA 20 Mbps/ EIA RS-485 Transceiver 3.3 V, Full Duplex, 840 uA 20 Mbps, EIA RS-485 Transceiver MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:90V; Continuous Drain Current, Id:0.86A; On-Resistance, Rds(on):4ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-205AD; Drain-Source Breakdown Voltage:90V RoHS Compliant: No 3.3V, Full Duplex, 840uA, 20Mbps, EIA RS-485 Transceiver
|
Analog Devices, Inc.
|