PART |
Description |
Maker |
HCTS393MS HCTS393KMSR HCTS393K HCTS393HMSR HCTS393 |
Radiation Hardened Dual 4-Input NOR Gate Test Bus Controllers 68-CPGA -55 to 125 Test Bus Controllers 68-CFP -55 to 125 Radiation Hardened Octal D-Type Flip-Flop/ Three-State/ Positive Edge Triggered Radiation Hardened Dual 4-Stage Binary Counter From old datasheet system
|
INTERSIL[Intersil Corporation]
|
FSL214R4 FSL214 FSL214D FSL214D1 FSL214D3 FSL214R |
PATCH PANEL HINGE KIT 4U SCA-H Radiation Hardened/ SEGR Resistant N-Channel Power MOSFETs Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs 1.5 A, 250 V, 2.3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-205AF
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
JANSR2N7408 FN4637 |
Quadruple 2-Input Positive-NAND Gates 14-VQFN -40 to 85 Formerly Available As FSF450R4, Radiation Hardened, SEGR Resistant, N-Channel Power MOSFETs From old datasheet system Formerly Available As FSF450R4, Radiation Hardened, SEGR Resistant,N-Channel Power MOSFETs
|
INTERSIL[Intersil Corporation]
|
HS9-OP470ARH-Q HS-OP470AR HS-OP470ARH 5962R9853301 |
16 AMP SPDT MINIATURE POWER RELAY Radiation Hardened, Very Low Noise
Quad Operational Amplifier(抗辐射低噪声四路运算放大 Radiation Hardened, Very Low Noise Quad Operational Amplifier Radiation Hardened/ Very Low Noise Quad Operational Amplifier
|
Intersil Corporation
|
HS-2510RH 5962D9568601VPA HS9-2510RH-Q HS7-2510RH- |
Radiation Hardened High Slew Rate Operational Amplifier Radiation Hardened High Slew Rate Operational Amplifier OP-AMP, 8000 uV OFFSET-MAX, 12 MHz BAND WIDTH, CDIP8 CAP TANT LOESR 330UF 10V 20% SMD Radiation Hardened High Slew Rate
Operational Amplifier(抗辐射高输出电压转换速率、低偏置电流运算放大
|
Intersil, Corp. Intersil Corporation
|
MX043G MX043J MX043 |
Radiation Hardended MOSFET RADIATION HARDENED SEGR-RESISTANT N-CHANNEL ENHANCEMENT MODE POWER MOSFET
|
MICROSEMI[Microsemi Corporation]
|
IRHY57133CMSE |
RADIATION HARDENED POWER MOSFET 130V 100kRad Hi-Rel Single N-Channel SEE Hardened MOSFET in a TO-257AA package
|
International Rectifier
|
IRHNA7264SE |
250V 100kRad Hi-Rel Single N-Channel SEE Hardened MOSFET in a SMD-2 package RADIATION HARDENED POWER MOSFET
|
International Rectifier
|
HS-82C54RH HS1-82C54RH HS1-82C54RH-8 HS1-82C54RH-Q |
From old datasheet system Radiation Hardened CMOS Programmable Interval Timer Radiation Hardened CMOS RProgrammable Interval TimerS
|
INTERSIL[Intersil Corporation]
|
JANSR2N7498T2 IRHF57230SE |
200V 100kRad Hi-Rel Single N-Channel SEE Hardened MOSFET in a TO-205AF package RADIATION HARDENED POWER MOSFET THRU-HOLE ( TO-39) 抗辐射功率MOSFET的通孔(到39
|
IRF[International Rectifier] International Rectifier, Corp.
|
5962-05238 5962-05240 5962-05241 5962-05242 5962-0 |
30W Total Output Power 28 Vin 1.5 Vout Single DC-DC Radiation Hardened Converter in a LS Package. DLA Number 5962-05238 30W Total Output Power 28 Vin 5 Vout Single DC-DC Radiation Hardened Converter in a LS Package. DLA Number 5962-05240 30W Total Output Power 28 Vin /-12 Vout Dual DC-DC Radiation Hardened Converter in a LS Package. DLA Number 5962-05241 30W Total Output Power 28 Vin /-15 Vout Dual DC-DC Radiation Hardened Converter in a LS Package. DLA Number 5962-05242 30W Total Output Power 28 Vin 12 Vout Single DC-DC Radiation Hardened Converter in a LS Package. DLA Number 5962-06241 30W Total Output Power 28 Vin 2.5 Vout Single DC-DC Radiation Hardened Converter in a LS Package.
|
International Rectifier
|
IRH7450SE 2036 |
Simple Drive Requirements RADIATION HARDENED POWER MOSFET From old datasheet system 500V 100kRad Hi-Rel Single N-Channel SEE Hardened MOSFET in a TO-204AA package
|
International Rectifier
|