PART |
Description |
Maker |
TVL05-1220 TVL05-1225 TVL05-1516 TVL05-1520 TYL05- |
DC/DC Converter Multiconductor Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes SERVSWITCH USER CABLE FOR PS2 STYLE 50 FT Input voltage range:4.75-6V, output voltage /-12V ( /-200mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-12V ( /-250/125mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-165mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-200/100mA) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO ELECTRONIC AG.
|
TSC3824 TSC3827 TSC3828 TSC3829 TSC1220 TSC1222 TS |
Input voltage range:80-160V output voltage 220V (0.8A) DC/DC converter Input voltage range:93-138V/185-264V, 50/60Hz, output voltage 48V (15A) DC/DC converter Input voltage range:160-320V output voltage 220V (10A) DC/DC converter Input voltage range:160-320V output voltage 110V (4A) DC/DC converter Input voltage range:80-160V output voltage 220V (1A) DC/DC converter Input voltage range:36-75V output voltage 5V (30A) DC/DC converter Input voltage range:36-75V output voltage 12V (15A) DC/DC converter Input voltage range:36-75V output voltage 220V (0.8A) DC/DC converter Input voltage range:36-75V output voltage 110V (1.5A) DC/DC converter Input voltage range:36-75V output voltage 24V (7.5A) DC/DC converter Input voltage range:36-75V output voltage 48V (3.6A) DC/DC converter Input voltage range:160-320V output voltage 24V (100A) DC/DC converter Input voltage range:160-320V output voltage 48V (45A) DC/DC converter Input voltage range:93-138V/185-264V, 50/60Hz, output voltage 220V (10A) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO[Traco Electronic AG]
|
24IMP12-0505-7 24IMP12-051212-7 24IMP12-05-7 24IMP |
1...12 Watt DC-DC Converters 1...12WattDC-DCConverters Test Lead Storage Rack; Color:Orange; External Width:11"; Features:Accepts Type RG-58 & RG-142 Cable Sizes; Cold Rolled Steel w/Baked Enamel Finish; 4 Mounting Holes 0.094" RoHS Compliant: NA 1 ... 12瓦特的DC - DC转换 1...12 Watt DC-DC Converters 1 ... 12瓦特的DC - DC转换 Connector Adapter; Convert From:Binding Post; Convert To:BNC Male; Contact Material:Brass; Impedance:50ohm RoHS Compliant: Yes Input voltage range:4.5-5.5V output voltage /-5V ( /-100mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-42mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-33mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-5V ( /-500mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-250mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-200mA) DC/DC converter
|
Electronic Theatre Controls, Inc. TE Connectivity, Ltd. Vishay Intertechnology, Inc. Cosmo Electronics POWER-ONE[Power-One]
|
LT1044CS8 LTC1044CS8 LTC1044S8 |
SWITCHED CAPACITOR VOLTAGE CONVERTER Switch Capacitor Voltage Converter Swithed Capacitor Voltage Converter From old datasheet system
|
http:// Linear Technology
|
HR151-1205 HR153-1215 HR151-1215 HR151-2815 HR151- |
D-sub connectors, Right angle, Through hole type; HRS No: 211-0302-0 57 DC-to-DC Voltage Converter DC - DC电压转换 DC-to-DC Voltage Converter 型DC - DC电压转换
|
Aimtec Laird Technologies, Inc.
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
SP9600KN SP9600KS SP9600 SP9600AN SP9600AS SP9600B |
SERIAL INPUT LOADING, 20 us SETTLING TIME, 12-BIT DAC, PDIP8 12-Bit, Low Power Voltage Output D/A Converter 12-Bit Low Power Voltage Output D/A Converter 12-Bit / Low Power Voltage Output D/A Converter
|
SIPEX[Sipex Corporation]
|
ST777 ST777ACD ST777ACN ST778 ST778ACD ST778ACN ST |
LOW VOLTAGE 3-3.3V/5V/ADJUSTABLE OUTPUT DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIERS LOW VOLTAGE INPUT, 3-3.3V/5V/ADJUSTABLE OUTPUT DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIER LOW VOLTAGE 3-3.3V/5V/ADJUSTABLE OUTPUT DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIERS FUSE, 3A, FAST ACTING, 0603
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
BP5037 |
AC-to-DC Voltage Converter AC/DC Converter Unit(AC/DC转换器单
|
Rohm CO.,LTD.
|
5962-8968302HXX 5962-8968303HXX 5962-8968303HZX 59 |
White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump 800mA, 2MHz, PWM DC-to-DC Step-Down Converter with Reset DC-to-DC Voltage Converter 型DC - DC电压转换
|
Rochester Electronics, LLC
|
AD650AD AD650K AD650 AD650SD AD650S AD650A AD650B |
Voltage-to-Frequency and Frequency-to-Voltage Converter VOLTAGE-FREQUENCY CONVERTER, 1 MHz, CDIP14
|
Analog Devices, Inc. AD[Analog Devices]
|
HCD404082 HCD404084 HD404388 HD404384 HD404389 HD4 |
Low-Voltage AS Microcomputers with On-Chip A/D Converter(带片A/D转换器的低压微计算机) 低电压如同在微机芯片A / D转换器(带片上的A / D转换器的低压微计算机 Low-Voltage AS Microcomputers with On-Chip A/D Converter(带片上A/D转换器的低压微计算机) 低电压如同在微机芯片的A / D转换器(带片上的A / D转换器的低压微计算机 Low-Voltage AS Microcomputers with On-Chip A/D Converter(甯??涓?/D杞???ㄧ?浣??寰??绠??)
|
Hitachi,Ltd.
|