PART |
Description |
Maker |
GS881Z36AT-133I GS881Z18AT-250 GS881Z18AT-250I GS8 |
9MB PIPELINED AND FLOW THROUGH SYNCHRONOUS NBT SRAM
|
GSI[GSI Technology]
|
GS882ZV18BB GS882ZV18BB-333 GS882ZV18BB-333I GS882 |
9Mb Pipelined and Flow Through Synchronous NBT SRAM
|
GSI[GSI Technology]
|
GS882Z18AD-150I GS882Z18AB-133 |
9Mb Pipelined and Flow Through Synchronous NBT SRAM 512K X 18 ZBT SRAM, 7.5 ns, PBGA165 9Mb Pipelined and Flow Through Synchronous NBT SRAM 512K X 18 ZBT SRAM, 8.5 ns, PBGA119
|
GSI Technology, Inc.
|
GS880Z36BGT-300 GS880Z36BT-150I |
9Mb Pipelined and Flow Through Synchronous NBT SRAM 256K X 36 ZBT SRAM, 5 ns, PQFP100 9Mb Pipelined and Flow Through Synchronous NBT SRAM 256K X 36 ZBT SRAM, 7.5 ns, PQFP100
|
GSI Technology, Inc.
|
GS880Z18AT-166 GS880Z18AT-250I GS880Z36AT-166 GS88 |
2 MG 3.3V OTP PROM (UMC) - NOT RECOMMENDED for NEW DESIGN 9MB的流水线和流量,通过同步唑的SRAM 9Mb Pipelined and Flow Through Synchronous NBT SRAM 9MB的流水线和流量,通过同步唑的SRAM
|
GSI Technology Electronic Theatre Controls, Inc.
|
GS8162Z18B-133 GS8162Z18B-133I GS8162Z18B-200 GS81 |
133MHz 8.5ns 1M x 18 18MB pipelined and flow through synchronous NBT SRAM 200MHz 6.5ns 1M x 18 18MB pipelined and flow through synchronous NBT SRAM 150MHz 7.5ns 512K x 36 18MB pipelined and flow through synchronous NBT SRAM 250MHz 5.5ns 1M x 18 18MB pipelined and flow through synchronous NBT SRAM 225MHz 6ns 512K x 36 18MB pipelined and flow through synchronous NBT SRAM 166MHz 7ns 1M x 18 18MB pipelined and flow through synchronous NBT SRAM 200MHz 6.5ns 512K x 36 18MB pipelined and flow through synchronous NBT SRAM 225MHz 6ns 1M x 18 18MB pipelined and flow through synchronous NBT SRAM 133MHz 8.5ns 512K x 36 18MB pipelined and flow through synchronous NBT SRAM 166MHz 7ns 512K x 36 18MB pipelined and flow through synchronous NBT SRAM 250MHz 5.5ns 512K x 36 18MB pipelined and flow through synchronous NBT SRAM
|
GSI Technology
|
IDT70V9289L 70V9389_DS_62206 IDT70V9389L9PRFI IDT7 |
64K x 18 Synch, 3.3V Dual-Port RAM, PipeLined/Flow-Through 64K x 16 Sync, 3.3V Dual-Port Ram, PipeLined/Flow-Through HIGH-SPEED 3.3V 64K x18/x16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM From old datasheet system
|
IDT[Integrated Device Technology]
|
IS61VF51218A IS61LF25636A |
256K x 36-512K x 18 9Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
|
Integrated Silicon Solution
|
IS61NVF25636A IS61NVF25636A-6.5B2 IS61NVF25636A-6. |
256K x 36 and 512K x 18 9Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
|
ISSI[Integrated Silicon Solution, Inc]
|
IDT709159L6BF IDT709159L6PF IDT709159L6PF8 IDT7091 |
8K x 9 Sync, Dual-Port RAM, PipeLined/Flow-Through 16K x 9 Sync,Dual-Port RAM, PipeLined/Flow-Through
|
IDT
|
IDT70V9179L 70V9179_DS_12544 IDT70V9179L9PFI IDT70 |
64K x 9 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through HIGH-SPEED 3.3V 32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM From old datasheet system
|
IDT[Integrated Device Technology]
|
IDT70V9189L9PFI IDT70V9179L12PFI IDT70V9179L6PFI I |
64K x 9 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
|
IDT[Integrated Device Technology]
|