PART |
Description |
Maker |
CY7C1366B-200BGI CY7C1366B-200BGC CY7C1366B-225BGI |
Low Cost, 300 MHz Rail-to-Rail Amplifier (Single); Package: SOT-23; No of Pins: 5; Temperature Range: Industrial 512K X 18 CACHE SRAM, 3.5 ns, PQFP100 CONNECTOR ACCESSORY 512K X 18 CACHE SRAM, 3 ns, PQFP100 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 512K X 18 CACHE SRAM, 2.8 ns, PBGA119 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 256K X 36 CACHE SRAM, 2.8 ns, PBGA165 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 9 - MB的(256 × 36/512K × 18)流水线双氰胺同步静态存储器
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
IDT71V65603 IDT71V65803S150PFI IDT71V65803S150BQI |
256K x 36/ 512K x 18 3.3V Synchronous ZBT SRAMs 256K x 36, 512K x 18 3.3V Synchronous ZBT? SRAMs ZBT? Feature 3.3V I/O, Burst Counter Pipelined Outputs 256K x 36 512K x 18 3.3V Synchronous ZBT SRAMs From old datasheet system 256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
|
IDT[Integrated Device Technology]
|
IDT71V65803S133BG IDT71V65803S100BQ IDT71V65803S10 |
256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 256K X 36 ZBT SRAM, 3.8 ns, PQFP100 256K x 36/ 512K x 18 3.3V Synchronous ZBT SRAMs RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1V-vf 50ns 5uA-ir DO-41 1K/BULK
|
Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
CY7C1355B-117BGI CY7C1355B-117BZC CY7C1355B-117BGC |
9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture 9 - MB的(256 × 36/512K × 18)流体系结构,通过与总线延迟静态存储器 9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture 256K X 36 ZBT SRAM, 7.5 ns, PBGA165 9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture 256K X 36 ZBT SRAM, 6.5 ns, PBGA165 9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture 256K X 36 ZBT SRAM, 7 ns, PQFP100
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
GS88032AT-166 GS88018AT-166 GS88036AT-166 GS88032A |
512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs 12k × 1856K × 3256K × 36 9Mb以上同步突发静态存储器 512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs 12k × 18256K × 32256K × 36 9Mb以上同步突发静态存储器
|
Electronic Theatre Controls, Inc.
|
IS61NLP51218 IS61NP51218 |
256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
|
Integrated Silicon Solu...
|
GS88136BD-300I GS88118BD-300 GS88132BD-300 GS88132 |
512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
|
http://
|
GS880E18BGT-200IV GS880E18BT-150IV GS880E18BT-250I |
512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
|
GSI[GSI Technology]
|
GS88032CT-250 GS88036CT-250 GS88018CT-250 |
512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
|
GSI Technology
|
GS88018BT-333 GS88018BT-333I GS88018BT-300 GS88018 |
512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
|
GSI[GSI Technology]
|