PART |
Description |
Maker |
27C4100 27C4096 MX27C4096 MX27C4096PI-12 MX27C4096 |
(MX27C4100 / MX27C4096) 4M-BIT [512K x 8/256K x 16] CMOS EPROM 4M-BIT [512K x 8/256K x 16] CMOS EPROM 256K X 16 OTPROM, 120 ns, PDIP40 4M-BIT [512K x 8/256K x 16] CMOS EPROM 256K X 16 OTPROM, 100 ns, PDIP40 4M-BIT [512K x 8/256K x 16] CMOS EPROM 256K X 16 OTPROM, 150 ns, PDIP40 4M-BIT [512K x 8/256K x 16] CMOS EPROM 256K X 16 OTPROM, 150 ns, PDSO40 Single Output LDO, 50mA, Fixed(3.0V), Low Quiescent Current, Thermal Protection 5-SOT-23 256K X 16 OTPROM, 100 ns, PDIP40
|
Macronix International Co., Ltd.
|
IDT71V65803S133BG IDT71V65803S100BQ IDT71V65803S10 |
256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 256K X 36 ZBT SRAM, 3.8 ns, PQFP100 256K x 36/ 512K x 18 3.3V Synchronous ZBT SRAMs RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1V-vf 50ns 5uA-ir DO-41 1K/BULK
|
Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
GS881E18BD-200IV GS881E36BGT-200V |
512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs 512K X 18 CACHE SRAM, 6.5 ns, PBGA165 512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs 256K X 36 CACHE SRAM, 6.5 ns, PQFP100
|
GSI Technology, Inc.
|
E28F004BVT80 E28F004BVB80 E28F004BVT60 E28F004BVT1 |
4-MBIT (256K X 16/ 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-MBIT (256K X 16. 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY Dual-Slot, PCMCIA Analog Power Controller Evaluation Kit for the MAX5943A/B/C/D/E 4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 256K X 16 FLASH 5V PROM, PDSO48 4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 256K X 16 FLASH 5V PROM, PDSO56
|
Intel Corporation Intel Corp. Intel, Corp.
|
IS61NLP51218 IS61NP51218 |
256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
|
Integrated Silicon Solu...
|
GS88136BD-300I GS88118BD-300 GS88132BD-300 GS88132 |
512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
|
http://
|
GS881E18BD-150V GS881E18BD-200IV GS881E18BGD-250V |
512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
|
GSI[GSI Technology]
|
GS880E18AT-133 GS880E18AT-133I GS880E18AT-250 GS88 |
512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
|
GSI[GSI Technology]
|
CY7C1355C-117BGC CY7C1355C-117BGI CY7C1355C-117BZC |
9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture 256K X 36 ZBT SRAM, 7.5 ns, PBGA165 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture 9兆位56 × 36/512K × 18)流体系结构,通过与总线延迟静态存储器
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
GS88132BT-150I GS88118BGD-150I GS88118BGD-333I |
512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs 256K X 32 CACHE SRAM, 7.5 ns, PQFP100 512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs 512K X 18 CACHE SRAM, 7.5 ns, PBGA165 512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs 512K X 18 CACHE SRAM, 4.5 ns, PBGA165
|
GSI Technology, Inc.
|
GS88132BGD-150IV GS88118BD-200IV |
512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs 256K X 32 CACHE SRAM, 7.5 ns, PBGA165 512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs 512K X 18 CACHE SRAM, 6.5 ns, PBGA165
|
GSI Technology, Inc.
|
|