PART |
Description |
Maker |
MAX828 MAX829EUK MAX829C_D MAX828C_D MAX828EUK MAX |
Switched-Capacitor Voltage Inverters IC-SM-VOLTAGE INVERTER SWITCHED CAPACITOR CONVERTER, 20 kHz SWITCHING FREQ-MAX, PDSO5 Parallel-Load 8-Bit Shift Registers 16-CFP -55 to 125
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
LTC1429 LT1429 LTC1429CS8-4 LTC1429CS |
Clock-Synchronized Switched Capacitor Regulated Voltage Inverter From old datasheet system Clock-Synchronized Switched Capacitor Regualted Voltage Inverter
|
Linear Technology Corporation LINER[Linear Technology]
|
LTC1261LCS8TRPBF LTC1261LCS8-4.5PBF LTC1261LCMS8-4 |
Switched Capacitor Regulated Voltage Inverter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 0.02 A SWITCHED CAPACITOR REGULATOR, 650 kHz SWITCHING FREQ-MAX, PDSO8 Switched Capacitor Regulated Voltage Inverter; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C 0.02 A SWITCHED CAPACITOR REGULATOR, 650 kHz SWITCHING FREQ-MAX, PDSO8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
TC1219 TC1219ECH TC1220ECH TC1220 TC1219ECHTR TC12 |
The TC1219/1220 are CMOS "charge-pump" voltage converters in ultra-small 6-Pin SOT-23A packages. They invert and/or double an input ... The TC1219/1220 are CMOS "charge-pump" voltage converters in ultra-small 6-Pin SOT-23A packages. They invert and/or double an input voltage which can range from 2.5V to 5.5V. Conversion efficiency is typically >95%. Switching frequenc (TC1220) Switched Capacitor Voltage Converters with Shutdown in SOT Packages (TC1219) Switched Capacitor Voltage Converters with Shutdown in SOT Packages Switched Capacitor Voltage Converters with Shutdown in SOT Packages 开关电容电压转换器与关机采用SOT封装
|
MICROCHIP[Microchip Technology] Microchip Technology, Inc.
|
MAX1680 MAX1680ESA MAX1681ESA MAX1681C_D MAX1680C_ |
125mA, Frequency-Selectable, Switched-Capacitor Voltage Converters Tactile Switch; Operating Force Max:160g-cm; Circuitry:SPST; Switch Operation:On-(On); Actuator Style:Flat Plunger; Contact Current Max:50mA; Contact Rating:50mA at 12VDC; Leaded Process Compatible:Yes; Mounting Type:PCB 125mA / Frequency-Selectable / Switched-Capacitor Voltage Converters
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ICL7660 ICL7660A ICL7660ACBA ICL7660ACBA-T ICL7660 |
JT 128C 128#22D PIN PLUG SWITCHED CAPACITOR CONVERTER, 10 kHz SWITCHING FREQ-MAX, PDIP8 CMOS Voltage Converters SWITCHED CAPACITOR CONVERTER, 10 kHz SWITCHING FREQ-MAX, PDIP8 RF CONNECTOR; HN MALE RIGHT ANGLE, CLAMP, FOR RG217 From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
LTC1514-3.3 1514I3 1514I5 LTC1514IS8-3.3TRPBF LTC1 |
Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 0.05 A SWITCHED CAPACITOR REGULATOR, 800 kHz SWITCHING FREQ-MAX, PDSO8 Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator(3.3V输出,步升/步降开关电容DC/DC变换器(带低电池比较器)) Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. Linear Technology Corporation
|
MAX828-D |
Switched Capacitor Voltage Converter
|
ON Semiconductor
|
MAX828EUK MAX828EUKG MAX829EUK MAX829EUKG MAX829 M |
Switched Capacitor Voltage Converter
|
ONSEMI[ON Semiconductor]
|
MAX1682EUKT MAX1683EUKTG40 |
Switched-Capacitor Voltage Doublers
|
MAXIM - Dallas Semiconductor
|
AME7700 AME7701 AME7702 AME7700AEEV AME7701AEEV |
Switched Capacitor Voltage Doublers 开关电容倍压
|
AME, Inc.
|