PART |
Description |
Maker |
CY8C20140-LDX2I CY8C20142-SX1I CY8C20110-LDX2I CY8 |
Input/Output (I/O); Supply Voltage: 2.4V to 5.5V; Temperature Range: -40° to 85°C; Package: 16-QFN (16-COL); Features: 4 Configurable I/Os SPECIALTY MEMORY CIRCUIT, QCC16 Input/Output (I/O); Supply Voltage: 2.4V to 5.25V; Temperature Range: -40° to 85°C; Package: 8-SOIC; Features: 4 Configurable I/Os SPECIALTY MEMORY CIRCUIT, PDSO8 CapSenseLITE - 10 Configurable IOs SPECIALTY MEMORY CIRCUIT, QCC16
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
NC7SP58P6X NC7SP58L6X NC7SP57P6X NC7SP57L6X NC7SP5 |
TinyLogic. ULP Universal Configurable 2-Input Logic Gates
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74AUP1G58 |
Two-Input, Low Power, Universal Configurable Logic Gate
|
Fairchild Semiconductor
|
74AUP1G95L6X 74AUP1G95FHX |
TinyLogic? Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
|
Fairchild Semiconductor
|
M38184AM-258FP M38184AM-256FP M38184MA-295FP M3818 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Low-Power Configurable Multiple-Function Gate 6-DSBGA -40 to 85 Low-Power Ultra-Configurable Multiple-Function Gate with 3-State Outputs 8-US8 -40 to 85 Low-Power Ultra-Configurable Multiple-Function Gate with 3-State Outputs 8-SM8 -40 to 85 Low-Power Configurable Multiple-Function Gate 6-SC70 -40 to 85
|
Mitsubishi Electric, Corp. Mitsubishi Electric Corporation
|
MC33880 MC33880DW_R2 MC33880DWB_R2 |
0.55mOhm; RDS(on) CONFIGURABLE EIGHT OUTPUT SWITCH WITH SPI I/O CONTROL CONFIGURABLE OCTAL SERIAL SWITCH WITH SERIAL PERIPHERAL INTERFACE
|
Freescale (Motorola) MOTOROLA[Motorola, Inc]
|
CY8C2011008 CY8C20110-LDX2I CY8C20110-SX2I |
CapSense Express?10 Configurable IOs CapSense Express⑩-10 Configurable IOs
|
Cypress Semiconductor
|
FXL5T244BQX FXL5T244 |
Low Voltage Dual Supply 5-Bit Signal Translator with Configurable Voltage Supplies with Configurable Voltage Supplies 低电压双电源5位信号翻译与配置电压供应可配置电压供 Low Voltage Dual Supply 5-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
CY8C20140 CY8C20140-LDX2I CY8C20140-SX2I |
CapSense Express?/a> - 4 Configurable IOs CapSense Express - 4 Configurable IOs CapSense Express⑩ - 4 Configurable IOs
|
Cypress Semiconductor
|
GS8161E32D-166 GS8161E32D-166I GS8161E3T-200 GS816 |
14-Bit Registered Buffer With SSTL_2 Inputs and Outputs 48-TVSOP 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs 1M×18512k×32512k×36 18M位同步突发静态存储器 20-Bit SSTL_3 Interface Buffer With 3-State Outputs 64-TSSOP 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 25-Bit Configurable Registered Buffer With Address-Parity Test 96-LFBGA 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs 1M×1812k×3212k×36 18M位同步突发静态存储器 Quad 2-input Exclusive-OR gates 14-PDIP 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 25-Bit Configurable Registered Buffer with SSTL_18 Inputs and Outputs 96-LFBGA 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 20-Bit SSTL_3 Interface Universal Bus Driver With 3-State Outputs 64-TSSOP 0 to 70 Quad 2-input Exclusive-OR gates 14-SOIC 0 to 70 13-Bit to 26-Bit Registered Buffer with SSTL_2 Inputs and Outputs 56-VQFN 0 to 70
|
http:// GSI Technology Electronic Theatre Controls, Inc.
|