PART |
Description |
Maker |
6260 |
RF Coaxial Connector Adapter; Convert From:N Female; Convert To:DIN Female; Approval Bodies:CE; Body Material:Brass; Contact Plating:Silver; Impedance:50ohm; Series:7/16 DIN and N RoHS Compliant: Yes FEMALE-FEMALE, RF STRAIGHT ADAPTER
|
Pomona Electronics
|
LP3203-33J5F LP3203-25J5F LP3203-18J5F LP3203-12J5 |
1.5MHZ,600mA,High Efficiency Synchronous PWM Step-Down DC/DC Convert
|
Lowpower Semiconductor inc
|
AHE2805S AHE2815SF_CH-MSTR AHE2815SF_CH-SLV AHE281 |
HYBRID-HIGH RELIABILITY DC/DC CONVERTER 1-OUTPUT 15 W DC-DC REG PWR SUPPLY MODULE HYBRID-HIGH RELIABILITY DC/DC CONVERTER
|
International Rectifier
|
3N245TX 3N243 3N243R 3N243TX 3N244 3N244R 3N244TX |
High Reliability Opeically Coupled Isolators 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER High Reliability Opeically Coupled Isolators 高可靠性Opeically耦合隔离
|
OPTEK[OPTEK Technologies] TT electronics OPTEK Technology
|
AFL12008SX AFL27005SYES AFL27005SWES AFL27005SWHB |
1-OUTPUT 80 W DC-DC REG PWR SUPPLY MODULE HYBRID-HIGH RELIABILITY DC/DC CONVERTER HYBRID-HIGH RELIABILITY DC/DC CONVERTER
|
International Rectifier
|
2N2907ADCSM |
Dual High Speed Medium Power PNP Switching Transistor In Hermetic Cermic Surface Mount Package For High Reliability Application(高速、中等功率、开关型双PNP晶体管(高可靠性、陶瓷表贴封装)) DUAL HIGH SPEED, MEDIUM POWER PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
FJP5021NBSP FJP5021 FJP5021Y FJP5021RTU FJP5021RVT |
NPN Silicon Transistor High Voltage and High Reliability From old datasheet system High Speed Switching : tF = 0.1μs (Typ.)
|
FAIRCHILD[Fairchild Semiconductor]
|
CDP1821C CDP1821C3 FN2983 CDP1821C_3 CDP1821CD3 CD |
From old datasheet system High-Reliability CMOS 1024-Word x 1-Bit Static RAM 高可靠性的CMOS 1024字1位静态存储器 High-Reliability CMOS 1024-Word x 1-Bit Static RAM 1K X 1 STANDARD SRAM, 255 ns, CDIP16
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
AMA2805D_CH AMA2805D/CH AMA2805D/EM AMA2805S/CH AM |
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER 2-OUTPUT 5 W DC-DC REG PWR SUPPLY MODULE HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
|
International Rectifier
|
BR24T1MNUXWGE2 BR24T1MNUXWGTR BR24T32FJWGE2 BR24T3 |
High Reliability Serial EEPROMs Other devices than EEPROM can be connected to the same port, saving microcontroller port High Reliability Serial EEPROMs
|
Rohm
|
BD62220AEFV-E2 |
High Performance, High Reliability 36V 2ch DC Brush Motor Drivers
|
Rohm
|