PART |
Description |
Maker |
AAT4290 |
(AAT4290 / AAT4291) I/O Expander Load Switches
|
AAT
|
APL3580 |
33mW 3A High Side Load Switches
|
Anpec Electronics Coropration
|
MIC94091YC6 MIC94092YC6 MIC94093YC6 MIC94090YC6 MI |
High Side Load Switches for Consumer Applications High Side Load Switches for Consumer Applications
|
Micrel Semiconductor
|
NCP45524 |
Advanced Load Management Controlled Load Switch with Low RON
|
ON Semiconductor
|
ISL6334ACRZ ISL6334ACRZ-T |
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
|
Intersil Corporation
|
DS2465P DS246513 DS2465PT MAX7327AEG MAX7327ATG MA |
DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function I2C Port Expander with 12 Push-Pull Outputs and 4 Open-Drain I/Os 4 I/O, PIA-GENERAL PURPOSE, PDSO24 I<sup>2</sup>C Port Expander with 12 Push-Pull Outputs and 4 Open-Drain I/Os 4 I/O, PIA-GENERAL PURPOSE, QCC24 2-Wire-Interfaced, 16-Bit, I/O Port Expander with Interrupt and Hot-Insertion Protection 16 I/O, PIA-GENERAL PURPOSE, PDSO24 I<sup>2</sup>C Port Expanders with Eight I/O Ports 8 I/O, PIA-GENERAL PURPOSE, PDSO16 I<sup>2</sup>C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os 16-BIT, FLASH, 12 MHz, RISC MICROCONTROLLER, QCC44 16-BIT, FLASH, 12 MHz, RISC MICROCONTROLLER, QCC32
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
70-010-045A 70-010-051A 70-010-044A 70-010-054A 70 |
FUSE 8A QUICK BLOW FUSE 2A MEDIUM BLOW 5V, Step-Down, Current-Mode PWM DC-DC Converters FUSE 1.6A MEDIUM BLOW 3.3V/5V Palmtop Computer and LCD Power-Supply Regulator FUSE 3.15A QUICK BLOW FUSE 4A MEDIUM BLOW 保险4A条介质吹 FUSE 5A QUICK BLOW 保险5A条快速吹 2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander 保险A条快速吹 2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander 保险2A条快速吹 4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander 保险1A条介质吹
|
TE Connectivity, Ltd. Bourns, Inc. ZETTLER electronics GmbH
|
JLC1562BE JLC1562BFELG JLC1562BFG JLC1562BNG JLC15 |
I-2C Bus I/O Expander I2C Bus I/O Expander
|
ONSEMI[ON Semiconductor]
|
K34-C1 |
An Ideal Indicator for OK/NG Judgements in Automated and Picking Machines, Measuring Factors such as Pressure, Load, Torque, and Weight Using Load Cell Signal Input.
|
Omron Electronics LLC
|
AQS610TSX AQS610TSZ |
PhotoMOS relay, GU (general use) type, multi-function (1a1b MOSFET & optocoupler). Output rating load voltage 350V AC/DC, load current 100 mA.
|
Matsushita Electric Works(Nais)
|