PART |
Description |
Maker |
STD1NB80 6648 STD1NB80T4 |
N-CHANNEL 800V - 16 OHM - 1A - DPAK/IPAK POWERMESH MOSFET N - CHANNEL 800V - 16ohm - 1A - DPAK/IPAK PowerMESH MOSFET N - CHANNEL 800V - 16 - 1A - DPAK/IPAK PowerMESH TM MOSFET N-CHANNEL POWER MOSFET From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STP6NB80 STP6NB80FP |
N - CHANNEL 800V - 1.6 Ohm - 5.7A - TO-220/TO-220FP
|
ST Microelectronics
|
STD2NB80T4 STD2NB80-1 |
N-CHANNEL 800V - 4.6 OHM - 1.9A - IPAK/DPAK POWERMESH MOSFET
|
ST Microelectronics
|
STW12NK80Z |
CONNECTOR ACCESSORY N-CHANNEL 800V - 0.65ohm - 10.5A TO-247 Zener-Protected SuperMESH?Power MOSFET N-CHANNEL 800V - 0.65ohm - 10.5A TO-247 Zener-Protected SuperMESH⑩Power MOSFET N-CHANNEL 800V - 0.65 OHM - 10.5 A TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET
|
意法半导 STMicroelectronics ST Microelectronics
|
STP7NC80Z STP7NC80ZFP STB7NC80ZT4 |
N-CHANNEL 800V - 1.3 OHM - 6.5A TO-220/TO-220FP/D2PAK/I2PAK ZENER-PROTECTED POWERMESH III MOSFET
|
ST Microelectronics
|
STB7NK80ZT4 |
N-CHANNEL 800V - 1.5 OHM - 5.2A TO-220/TO-220FP/I2PAK/D2PAK ZENER-PROTECTED SUPERMESH POWER MOSFET
|
ST Microelectronics
|
STQ1NK80ZR-AP STN1NK80Z STD1NK80Z-1 STD1NK80Z STD1 |
0.3 A, 800 V, 0.016 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-92 N-CHANNEL 800V - 13 ヘ - 1 A TO-92 /SOT-223/DPAK/IPAK Zener - Protected SuperMESH⑩ MOSFET N-CHANNEL 800V - 13 Ω - 1 A TO-92 /SOT-223/DPAK/IPAK Zener - Protected SuperMESH MOSFET N-CHANNEL 800V - 13 Ω - 1 A TO-92 /SOT-223/DPAK/IPAK Zener - Protected SuperMESH?/a> MOSFET
|
STMicroelectronics
|
FQPF7N80 |
800V N-Channel MOSFET 3.8 A, 800 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FQPF3N80C FQP3N80C |
800V N-Channel Advance Q-FET C-Series 800V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQD2N80 FQU2N80 FQD2N80TF FQD2N80TM FQU2N80TU |
800V N-Channel MOSFET TRANSISTOR|MOSFET|N-CHANNEL|800VV(BR)DSS|1.8AI(D)|TO-252AA
800V N-Channel QFET
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
STW9NC80Z 7287 |
N-CHANNEL 800V - 0.82ohm - 9.4A TO-247 Zener-Protected PowerMESH?III MOSFET N-CHANNEL 800V - 0.82ohm - 9.4A TO-247 Zener-Protected PowerMESH⑩III MOSFET From old datasheet system N-CHANNEL 800 V - 0.82 OHM - 9.4 A TO-247 ZENER-PROTECTED POWERMESH III MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|