PART |
Description |
Maker |
SN74LS10N SN54LS10 SN74LS10D SN54LS10J |
500mA, 5V,±4% Tolereance, Voltage Regulator, Ta = 0°C to 125°C; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Rail; Qty per Container: 75 LS SERIES, TRIPLE 3-INPUT NAND GATE, PDIP14
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
MMBZ5221B MMBZ5235B MMBZ5250B MMBZ5243B MMBZ5252B |
100mA, Adjustable Output 1.2 to 37V, Voltage Regulator with ±4% tolerance, Ta = -40°C to 125°C ; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 Automotive Catalog Fast-Transient-Response 1.5-A Low-Drop Voltage Regulator 20-HTSSOP -40 to 125 500mA, Adjustable Output 1.2 to 37V, Voltage Regulator with ±4% tolerance, Ta = 0°C to 125°C; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 Small Signal Bias Resistor Transistor SOT-723 NPN 50V; Package: SOT-723 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 8000 2-36V Dual Comparator, Ta = -40 to 105°C - Pb-free; Package: 8 LEAD PDIP; No of Pins: 8; Container: Rail; Qty per Container: 50 3-36V Quad Comparator, Ta = -25 to 85°C; Package: SOIC 14 LEAD; No of Pins: 14; Container: Tube; Qty per Container: 55 2-36V Dual Comparator, Ta = -25 to 85°C - Pb-free; Package: Micro8™; No of Pins: 8; Container: Tape and Reel; Qty per Container: 4000 SURFACE MOUNT SILICON ZENER DIODES
|
PanJit International Inc. PANJIT[Pan Jit International Inc.] Pan Jit International I...
|
MC79L15ABD MC79L15ABDR2 MC79L12ABD MC79L05ACD MC79 |
100mA, 15V,±5% Tolerance, Negative Voltage Regulator, Ta = -40°C to 125°C; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 15 V FIXED NEGATIVE REGULATOR, PDSO8 100mA, 15V, ±5% Tolerance, Negative Voltage Regulator, Ta = -40°C to 125°C; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 15 V FIXED NEGATIVE REGULATOR, PDSO8 100mA, 12V,±5% Tolerance, Negative Voltage Regulator, Ta = -40°C to 125°C; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 12 V FIXED NEGATIVE REGULATOR, PDSO8 100mA, 5V,±5% Tolerance, Negative Voltage Regulator, Ta = 0°C to 125°C; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 5 V FIXED NEGATIVE REGULATOR, PDSO8 100mA, 12V,±5% Tolerance, Negative Voltage Regulator, Ta = 0°C to 125°C; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bag/Envelope; Qty per Container: 2000 12 V FIXED NEGATIVE REGULATOR, PBCY3 100mA, 12V,±5% Tolerance, Negative Voltage Regulator, Ta = 0°C to 125°C; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 12 V FIXED NEGATIVE REGULATOR, PDSO8 100mA, 15V,±5% Tolerance, Negative Voltage Regulator, Ta = 0°C to 125°C; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bag/Envelope; Qty per Container: 2000 15 V FIXED NEGATIVE REGULATOR, PBCY3 100mA, 15V,±5% Tolerance, Negative Voltage Regulator, Ta = 0°C to 125°C; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 100mA, 15V,±5% Tolerance, Negative Voltage Regulator, Ta = 0°C to 125°C; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 2000 100 mA Negative Voltage Regulators
|
ON Semiconductor
|
MMBZ5223BW MMBZ5225BW MMBZ5226BW MMBZ5227BW MMBZ52 |
DIODE ZENER 3.6V 200MW SOT-323 3.6 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 200mW SURFACE MOUNT ZENER DIODE 3-26V Dual Operational Amplifier, Ta = -40 to 105°C; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 500mA, Adjustable Output 1.2 to 37V, Voltage Regulator with ±4% tolerance, Ta = -40°C to 125°C; Package: SOT-223 (TO-261) 4 LEAD; No of Pins: 4; Container: Tape and Reel; Qty per Container: 4000 200mW的表面贴装稳压二极管 1500 W Transient Voltage Suppressor 15 V MOSORB Unidir; Package: Axial Lead MOSORB 9.52x5.21mm, 25.4x0.97mm Pkg, Lead len/dia; No of Pins: 2; Container: Bulk; Qty per Container: 500 200mW的表面贴装稳压二极管
|
DIODES[Diodes Incorporated] Diodes Inc. PanJit International, Inc. Diodes, Inc.
|
DPC-24-1000B20 DPC-10-1000B3 DPC-10-440B2 DPC-16-7 |
POWER TRANSFORMER, 24 VA POWER TRANSFORMER, 10 VA POWER TRANSFORMER, 4.4 VA POWER TRANSFORMER, 1.2 VA POWER TRANSFORMER, 1 VA Low Frequency, Open-Style Laminated Concentric Vertical Profile, PC Plug-In Series
|
Pulse Electronics, Corp. PULSE ELECTRONICS CORP Pulse A Technitrol Company Pulse A Technitrol Comp...
|
FSB147HNY |
Meets 2013 ErP Standby Power Regulation (Less than 0.5 W Consumption with 0.25 W Load) for ATX Power and LCD TV Power
|
List of Unclassifed Manufacturers
|
TA8260AH |
Max Power 40 W BTL 4CH Audio Power IC Max Power 40 W BTL 】 4CH Audio Power IC Max Power 40 W BTL x 4CH Audio Power IC RAC15-TA(-E)(-ST) Series - Powerline Regulated AC-DC Converters; Output Voltage (Vdc): 5V; Auxilary Voltage (Vdc): 12V; Features: Compact AC-DC Power
|
Toshiba Semiconductor Toshiba Corporation
|
ATMEGA103-14 |
AVR ?High-performance and Low-power RISC Architecture Power Consumption when Using Slowly Rising Power Supply
|
ATMEL Corporation
|
RMPA2271 |
WCDMA/UMTS Power Edge Power Amplifier Module with Integrated Power Detector
|
FAIRCHILD[Fairchild Semiconductor]
|
IPU10N03LA Q67042-S4238 IPD10N03LA IPS10N03LA IPF1 |
OptiMOS®2 - Power packages OptiMOS2 Power-Transistor OptiMOS2功率晶体 30 A, 25 V, 0.0104 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA
|
INFINEON[Infineon Technologies AG]
|
TB2959HQ |
Maximum Power 47W BTL 4-ch Audio Power IC Power amplifier ICs
|
Toshiba Semiconductor
|
|