PART |
Description |
Maker |
T77V1D10-12 2-1393194-1 2-1393194-5 2-1393194-7 T7 |
Potter & Brumfield Miniature PCB Relay T77 General Purpose Relays PCB Relays
|
Tyco Electronics
|
ARE1303 ARE1303Z ARE1306 ARE1309 ARE1312 ARE1312Z |
RE-relay. 2.6 GHz 75 ohm relays for broadcasting industry. Standard PC board terminal. Nominal voltage 4.5 V DC. 2.6 GHZ 75з RELAYS FOR BROADCASTING INDUSTRY 2.6 GHz 75 RELAYS FOR BROADCASTING INDUSTRY 2.6 GHz 75?/a> RELAYS FOR BROADCASTING INDUSTRY
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
RIF-0-BPT |
RIF-0... relay base, for miniature power relay with 1 PDT or solid-state relays of the same design, push-in connection, for mounting on NS 35/7,5
|
PHOENIX CONTACT
|
RIF-RHM-1-H |
Relay retaining bracket, wire model, suitable for RIF-1 relay base, for 25 mm high octal miniature power relays
|
PHOENIX CONTACT
|
MHS2501OFC-3 MHS2501OFH-3 MHS2501OFK-3 |
TRANSISTOR OUTPUT SOLID STATE RELAY, 1000 V ISOLATION-MAX HERMETIC SEALED, FLATPACK-8
|
Microsemi, Corp.
|
RIF-RHM-1 |
Relay retaining bracket, wire model, suitable for RIF-1 relay base, for 16 mm high octal miniature power and solid-state relays
|
PHOENIX CONTACT
|
DSP1A-DC12V |
(DSP Relays) Power Relay
|
Panasonic
|
T9AS5D22-48 2-1419104-0 2-1419104-1 2-1419104-2 2- |
Power PC Board Relays T9A Series, DC Coil 30A PCB or Panel Mount Relay
|
Tyco Electronics
|
AQZ262 AQZ264 |
POWER PhotoMOS RELAYS (High capacity type) RELAY PHOTOMOS
|
Nais(Matsushita Electric Wo... NAIS[Nais(Matsushita Electric Works)] ETC
|
LAA710STR LAA710 LAA710S |
Dual Pole OptoMOS Relays DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 3750 V ISOLATION-MAX
|
Clare, Inc.
|
PAA190STR |
Dual Single Pole OptoMOS Relays DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 5000 V ISOLATION-MAX
|
Clare, Inc.
|