PART |
Description |
Maker |
SI3460-XYY-GM SI3460-EVB |
IEEE 802.3af PSE INTERFACE AND DC-DC CONTROLLER
|
Silicon Laboratories
|
LTC4257CDD LTC4257CS8 LTC4257IDD LTC4257IS8 |
IEEE 802.3af PD Power over Ethernet Interface Controller
|
Linear Technology
|
LTC4257 |
IEEE 802.3af PD Power-Over-Ethernet Interface Controller
|
Linear
|
MP8003AGQ EV8003A-Q-00A |
IEEE 802.3af/at PoE Powered Device Interface Controller Evaluation Board
|
Monolithic Power System...
|
X558550025-F S558550025-F |
Designed to accommodate 350mA of balanced DC as stipulated in IEEE 802.3af VDIP INTERFACE MODULE
|
Bel Fuse Inc.
|
LTC4267IGN-3TRPBF LTC4267CDHC-3 LTC4267IDHC-3 LTC4 |
Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 1 A SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO16 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 85°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
MAX5941AESE |
IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
|
Maxim Integrated Products
|
LTC4267IGN-1 LTC4267IGN-1-PBF LTC4267IGN-1-TR LTC4 |
1 A SWITCHING CONTROLLER, 240 kHz SWITCHING FREQ-MAX, PDSO16 Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
|
LINEAR TECHNOLOGY CORP
|
LTC4257CS8-1PBF |
IEEE 802.3af PD Power over Ethernet Interface Controller; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
|
LINEAR TECHNOLOGY CORP
|
MCZ34670EG/R2 |
IEEE 802.3af PD With Current Mode Switching Regulator
|
Freescale Semiconductor, Inc
|
GH5409-1-LF |
Compliant with IEEE 802.3af standard for 1000 BASE-T
|
Bothhand USA, LP.
|
LTC4259ACGW |
Quad IEEE 802.3af Power over Ethernet Controller with AC Disconnect
|
LINEAR TECHNOLOGY CORP
|