PART |
Description |
Maker |
AM500004V6 AM50-0004V6 AM50-0004 AM50-0004SMB AM50 |
High Dynamic Range Low Noise Amplifier
|
MACOM[Tyco Electronics]
|
TC2181 |
Low Noise and High Dynamic Range Packaged GaAs FETs
|
ETC List of Unclassifed Manufacturers
|
PB-CFB0301 |
High Dynamic Range Low-Noise GaAs FET 高动态范围低噪声砷化镓场效应
|
Mimix Broadband, Inc.
|
MAAL-008091 MAAL-008091-000000 MAAL-008091-TR3000 |
High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
|
M/A-COM Technology Solution... M/A-COM Technology Solutions, Inc.
|
PA1221 |
1800-2000 MHz. Low Noise High Dynamic Range Linear Amplifier
|
Tyco Electronics
|
PA1217 |
800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
|
Tyco Electronics
|
ENC102D-10A ENC112D-10A ENC820D-10A ENC220D-10B EN |
±15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch; Temperature Range: -40°C to 85°C; Package: 16-QFN Dual LDO with Low Noise, Very High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 10-DFN STD MOV Dual LDO with Low Noise, Very High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 10-DFN 性病检验手
|
Central Semiconductor, Corp.
|
MAAMSS0045 MAAMSS0045TR-3000 MAAMSS0045SMB |
1400 MHz - 2000 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER HIGH DYNAMIC RANGE LOW NOISE AMPLIFIER 1400 - 2000 MHZ
|
MACOM[Tyco Electronics]
|
ISL55210 ISL55210IRTZ ISL55210IRTZ-EVALZ ISL55210I |
Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
|
Intersil Corporation
|
LTC1911-1.8 LTC1911-1.5 LTC1911EMS8-1.5PBF LTC1911 |
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO8 250mA Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
MAX19586ETN-TD MAX19586ETNTD |
High-Dynamic-Range, 16-Bit, 80Msps ADC with -82dBFS Noise Floor 1-CH 16-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, QCC56
|
Maxim Integrated Products, Inc.
|