PART |
Description |
Maker |
CFB0303 |
High Dynamic Range Low-Noise GaAs FET
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers N.A. ETC[ETC] CELERITEK
|
CFB0301 PB-CFB0301 CFB0301-000T |
High Dynamic Range Low-Noise GaAs FET
|
Mimix Broadband
|
MAAL-008091 MAAL-008091-000000 MAAL-008091-TR3000 |
High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
|
M/A-COM Technology Solution... M/A-COM Technology Solutions, Inc.
|
PA1215 |
800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
|
MACOM[Tyco Electronics]
|
CFK0301-AK-0000 CFK0301-AK-000T |
900 MHz, high dynamic range dual, low-noise GaAs FET
|
CELERITEK
|
ATR4251-PFPY ATR4251-PFQY ATR4251-TKQY ATR4251-TKS |
SPECIALTY CONSUMER CIRCUIT, QCC24 Low-noise, High-dynamic-range Antenna Amplifier IC
|
聚兴科技股份有限公司 ATMEL Corporation
|
CFK0301 CFK0301-AK-000T |
500 MHz - 4000 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER High Dynamic Range Dual, Low-Noise GaAs FET
|
List of Unclassifed Manufacturers etc
|
PA1214 |
1800-2000 MHz. Low Noise High Dynamic Range Linear Amplifier
|
Tyco Electronics
|
ENC102D-10A ENC112D-10A ENC820D-10A ENC220D-10B EN |
±15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch; Temperature Range: -40°C to 85°C; Package: 16-QFN Dual LDO with Low Noise, Very High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 10-DFN STD MOV Dual LDO with Low Noise, Very High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 10-DFN 性病检验手
|
Central Semiconductor, Corp.
|
GALI-74 |
Surface Mount Monolithic Amplifier 50з, High dynamic range, DC to 1 GHz 0 MHz - 1000 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER Surface Mount Monolithic Amplifier 50? High dynamic range, DC to 1 GHz Surface Mount Monolithic Amplifier 50/ High dynamic range/ DC to 1 GHz
|
Mini-Circuits
|
MAAMSS0045 MAAMSS0045TR-3000 MAAMSS0045SMB |
1400 MHz - 2000 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER HIGH DYNAMIC RANGE LOW NOISE AMPLIFIER 1400 - 2000 MHZ
|
MACOM[Tyco Electronics]
|
AM4J-67205L-45 AM4J-67205V-45 AM4J-67205V-25 AM4J- |
90NS, CERDIP, 883C; LEV B COMPLIANT(EEPROM) 120NS, PDIP, IND TEMP(EEPROM) 70NS, PLCC, IND TEMP(EEPROM) 90NS, PLCC, IND TEMP(EEPROM) 120NS, TSOP, IND TEMP(EEPROM) Ultra Low Noise Precision High Speed Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Low Noise, High Speed Precision Operational Amplifiers; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Precision 5 Volt Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 250NS, PGA, 883C; LEV B FULLY COMPLIANT(EEPROM) x9 Asynchronous FIFO X9热卖异步FIFO 70NS, PDIP, IND TEMP(EEPROM) X9热卖异步FIFO Low Noise, High Speed Precision Operational Amplifiers; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Ultra Low Noise Precision High Speed Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Panasonic, Corp. Bourns, Inc. Advanced Monolithic Systems, Inc. Cypress Semiconductor, Corp. Alpha Wire Company
|