PART |
Description |
Maker |
24LC32AX 24AA32A 24LC32AT-I_SM 24LC32AT-I_SMG 24LC |
The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I<SUP>2</SUP>C compatible 2-wire serial ... The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I2C compatible 2-wire serial interface bus. The 24AA32A features a page-write capability of up to 32 bytes of data and is capable of both r 32K I2C Serial EEPROM The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I2C compatible 2-wire serial ... 32KIC Serial EEPROM 32K 1.8V I2C Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
27C256 |
256K CMOS UV Erasable PROM (32K X 8)
|
General Semiconductor Inc
|
27C256 |
256K CMOS UV Erasable PROM (32K X 8)
|
Philips Semiconductors
|
M28F256-12C313 M28F256-12C113 M28F256-12C114 M28F2 |
32K X 8 FLASH 12V PROM, 120 ns, PQCC32 0.450 X 0.550 INCH, PLASTIC, LCC-32 32K X 8 FLASH 12V PROM, 150 ns, PQCC32
|
ST Microelectronics STMICROELECTRONICS
|
CY7C277-30WC CY7C277-40WMB CY7C277-50WC CY7C277-50 |
32K x 8 Reprogrammable Registered PROM 32K X 8 OTPROM, 15 ns, PQCC32
|
CYPRESS[Cypress Semiconductor]
|
BR24L01A-W BR24L01AFJ-W BR24L01AFV-W BR24L01AFVM-W |
128×8 bit electrically erasable PROM 128 bit electrically erasable PROM 128位电可擦除可编程ROM
|
Rohm Co., Ltd. Rohm CO.,LTD.
|
24AA1603 24LC16B 24AA16-I/MS 24AA16-I/MSG 24AA16-I |
16K I2C垄芒 Serial EEPROM 16K I2C?/a> Serial EEPROM The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I2C compatible 2-wire serial interface bus. The 24LC16B features hardware write protect, Schmitt trigger in The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I2C ... The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I<SUP>2</SUP>C ... 16K I2C Serial EEPROM
|
Microchip Technology Inc.
|
W27E257P-10 W27E257P-15 W27E257P-12 |
32K X 8 ELECTRICALLY ERASABLE EPROM
|
Winbond Electronics
|
XL93LC46 |
Serial Electrically-Erasable PROM
|
Exel Microelectronics
|
M27128A-20 M27128A-30 M27128A |
Advanced 128K(16 x 8) UV Erasable PROM
|
INTEL[Intel Corporation]
|
KM28C64A KM28C65A |
8K x 8 BIT CMOS ELECTRICALLY ERASABLE PROM
|
Samsung Electronic Samsung semiconductor
|